Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

321-LFS Datasheet (PDF) - WECO ELECTRICAL CONNECTORS INC.

321-LFS Datasheet PDF - WECO ELECTRICAL CONNECTORS INC.
Part # 321-LFS
Download  321-LFS Download
File Size   155.52 Kbytes
Page   1 Pages
Manufacturer  WECO [WECO ELECTRICAL CONNECTORS INC.]
Direct Link  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.
Description Screw/solder terminal strip Screw/solder tag connection, side of solder tag closed, pottable

321-LFS Datasheet (PDF)

Go To PDF Page Download Datasheet
321-LFS Datasheet PDF - WECO ELECTRICAL CONNECTORS INC.

Part # 321-LFS
Download  321-LFS Click to download

File Size   155.52 Kbytes
Page   1 Pages
Manufacturer  WECO [WECO ELECTRICAL CONNECTORS INC.]
Direct Link  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.
Description Screw/solder terminal strip Screw/solder tag connection, side of solder tag closed, pottable

321-LFS Datasheet (HTML) - WECO ELECTRICAL CONNECTORS INC.


321-LFS Product details

The screw/solder terminal strip 321-LFS in 10 mm pitch was designed for larger
cross-sections than version 302-LF-DS. It is available with 1 to 12 poles.
Mouldings of this type are encapsulated on the solder tag side and therefore
particularly well suited for potting.
Socket and solder tag are manufactured in one piece.
The screws are ready to be wired, secured against self-loosening and captive.
These strips can be combined with plug-in terminal strip 322-SV by plugging the
pins into the sockets and screwing them tight.
The wire protector of the “DS”-version reliably prevents damage to multi-wire
flexible conductors by the turning screw.
These terminals strips can be screw-mounted on a substrate.




Similar Part No. - 321-LFS

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
321-000-0060A WINCHESTER-321-000-0060A Datasheet
56Kb / 1P
DIN HIGH POWER R/A RECEPTACLE 40 AMP
logo
ATGBICS by Approved Tec...
321-0433-C ATGBICS-321-0433-C Datasheet
322Kb / 9P
321-0433 NetScout Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
321-0434-C ATGBICS-321-0434-C Datasheet
195Kb / 7P
321-0434 NetScout Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
321-0435-C ATGBICS-321-0435-C Datasheet
293Kb / 8P
321-0435 NetScout Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
logo
Box enclosures
321-12-BK BOX-321-12-BK Datasheet
246Kb / 2P
GRIP TECH HANDHELD ENCLOSURES
March 2006
More results


Similar Description - 321-LFS

ManufacturerPart #DatasheetDescription
logo
CAMBION Electronic Comp...
400-1800 CAMBION-400-1800 Datasheet
136Kb / 1P
"PP3" size Battery Holder - Solder tag connection
logo
Kemet Corporation
ALN20S KEMET-ALN20S Datasheet
418Kb / 2P
4 Pin Solder tag
logo
WECO ELECTRICAL CONNECT...
302-G WECO-302-G Datasheet
104Kb / 1P
Socket terminal strip Screw connection, with solder pin
05.18
322-G WECO-322-G Datasheet
105Kb / 1P
Socket terminal strip Screw connection, with solder pin
04.19
322-LFS WECO-322-LFS Datasheet
103Kb / 1P
Screw/solder terminal strip Screw/solder tag connection
01.18
931-A-LFDS WECO-931-A-LFDS Datasheet
117Kb / 1P
Screw/solder terminal strip Screw/solder tag connection
05.19
950-LH WECO-950-LH Datasheet
62Kb / 1P
PCB connector Screw connection, with angled solder pin, pottable
06.11
951-A-LFDS WECO-951-A-LFDS Datasheet
113Kb / 1P
Screw/solder terminal strip Screw/solder tag connection
05.19
970-LH WECO-970-LH Datasheet
117Kb / 1P
PCB connector Screw connection, right angle solder pin, pottable
11.11
983-SML-2.8 WECO-983-SML-2.8 Datasheet
83Kb / 1P
PCB connector Screw connection, with solder pin and solder tag
03.19
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com