Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FKBB02P15 Datasheet (PDF) - FETek Technology Corp.

FKBB02P15 Datasheet PDF - FETek Technology Corp.
Part # FKBB02P15
Download  FKBB02P15 Download
File Size   555.7 Kbytes
Page   5 Pages
Manufacturer  FETEK [FETek Technology Corp.]
Direct Link  http://www.fetek.com.tw
Logo FETEK - FETek Technology Corp.
Description P-Ch 150V Fast Switching MOSFETs

FKBB02P15 Datasheet (PDF)

Go To PDF Page Download Datasheet
FKBB02P15 Datasheet PDF - FETek Technology Corp.

Part # FKBB02P15
Download  FKBB02P15 Click to download

File Size   555.7 Kbytes
Page   5 Pages
Manufacturer  FETEK [FETek Technology Corp.]
Direct Link  http://www.fetek.com.tw
Logo FETEK - FETek Technology Corp.
Description P-Ch 150V Fast Switching MOSFETs

FKBB02P15 Datasheet (HTML) - FETek Technology Corp.


FKBB02P15 Product details

Features
Advanced Trench MOS Technology
100% EAS Guaranteed
Green Device Available

Applications
Load Switch.
Power Management.
LED Backlighting.
Networking Application




Similar Part No. - FKBB02P15

ManufacturerPart #DatasheetDescription
logo
FETek Technology Corp.
FKBB0208 FETEK-FKBB0208 Datasheet
388Kb / 4P
Dual N-Ch 100V Fast Switching MOSFETs
Ver : A
FKBB0210 FETEK-FKBB0210 Datasheet
493Kb / 4P
Dual N-Ch 100V Fast Switching MOSFETs
Ver : B
FKBB0214 FETEK-FKBB0214 Datasheet
393Kb / 4P
Dual N-Ch 100V Fast Switching MOSFETs
Ver : A
More results


Similar Description - FKBB02P15

ManufacturerPart #DatasheetDescription
logo
FETek Technology Corp.
FKBA20N15A FETEK-FKBA20N15A Datasheet
674Kb / 4P
N-Ch 150V Fast Switching MOSFETs
Ver : A
FKBA20N15S FETEK-FKBA20N15S Datasheet
673Kb / 4P
N-Ch 150V Fast Switching MOSFETs
Ver : A
FKBA90N15 FETEK-FKBA90N15 Datasheet
497Kb / 4P
N-Ch 150V Fast Switching MOSFETs
Ver : A
FKD20N15 FETEK-FKD20N15 Datasheet
712Kb / 4P
N-Ch 150V Fast Switching MOSFETs
Ver : A
FKD20N15A FETEK-FKD20N15A Datasheet
636Kb / 4P
N-Ch 150V Fast Switching MOSFETs
Ver : A
FKD20N15S FETEK-FKD20N15S Datasheet
460Kb / 4P
N-Ch 150V Fast Switching MOSFETs
Ver : B
FKH100N15 FETEK-FKH100N15 Datasheet
512Kb / 4P
N-Ch 150V Fast Switching MOSFETs
Ver : A
FKP100N15 FETEK-FKP100N15 Datasheet
518Kb / 4P
N-Ch 150V Fast Switching MOSFETs
Ver : A
FKP90N15 FETEK-FKP90N15 Datasheet
499Kb / 4P
N-Ch 150V Fast Switching MOSFETs
Ver : A
FKS01P15 FETEK-FKS01P15 Datasheet
488Kb / 4P
P-Ch 150V Fast Switching MOSFETs
Ver : A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com