Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RAA23021X Datasheet (PDF) - Renesas Technology Corp

RAA23021X Datasheet PDF - Renesas Technology Corp
Part # RAA23021X
Download  RAA23021X Download
File Size   1806.66 Kbytes
Page   36 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 5.5V Input, 3A, Step-Down DC/DC Converter LDO

RAA23021X Datasheet (PDF)

Go To PDF Page Download Datasheet
RAA23021X Datasheet PDF - Renesas Technology Corp

Part # RAA23021X
Download  RAA23021X Click to download

File Size   1806.66 Kbytes
Page   36 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 5.5V Input, 3A, Step-Down DC/DC Converter LDO

RAA23021X Datasheet (HTML) - Renesas Technology Corp


RAA23021X Product details

Features
• DC/DC converter (ch1)
⎯ Synchronous rectification type step-down circuit
⎯ Integrated power MOSFETs
⎯ Preset output voltage (There are also products that have adjustable output voltage using external resistors.)
⎯ Internal phase compensator
⎯ Switching frequency: 1 MHz (fixed)
⎯ Internal timer-latch-type short-circuit protector (fixed delay time)
⎯ 100% duty cycle operation
• LDO (ch2)
⎯ 500mA
⎯ Internal over current protector (foldback-current limiting)
⎯ Ultra low-power save mode (25uA typical)
• Common Features
⎯ Internal rise up sequencer
⎯ Internal digital soft-start function (2 ms fixed soft-start time)
⎯ Internal discharge circuit
⎯ Power good function
⎯ Internal timer-latch-type thermal shutdown circuit (shutdown temperature: 150°C or higher)
⎯ Internal recovery-type under voltage lockout circuit




Similar Part No. - RAA23021X

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA23021X RENESAS-RAA23021X_15 Datasheet
1Mb / 36P
5.5V Input, 3A, Step-Down DC/DC Converter LDO
More results


Similar Description - RAA23021X

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1154 ANALOGICTECH-AAT1154_07 Datasheet
449Kb / 16P
1MHz 3A Step-Down DC/DC Converter
AAT1160 ANALOGICTECH-AAT1160 Datasheet
662Kb / 17P
12V, 3A Step-Down DC/DC Converter
logo
Holtek Semiconductor In...
HT7466 HOLTEK-HT7466 Datasheet
1Mb / 9P
3A Step-Down DC to DC Converter
September 02, 2011
logo
Active-Semi, Inc
ACT2103 ACTIVE-SEMI-ACT2103 Datasheet
733Kb / 16P
18V/3A Step-Down DC/DC Converter
Rev 2, 23-May-12
ACT2113 ACTIVE-SEMI-ACT2113_14 Datasheet
690Kb / 17P
18V/3A Step-Down DC/DC Converter
Rev 3, 23-May-12
logo
Renesas Technology Corp
RAA23021X RENESAS-RAA23021X_15 Datasheet
1Mb / 36P
5.5V Input, 3A, Step-Down DC/DC Converter LDO
logo
Analog Intergrations Co...
AIC2565 AIC-AIC2565 Datasheet
399Kb / 13P
23V 3A Step-Down DC/DC Converter
logo
Renesas Technology Corp
RAA23012X RENESAS-RAA23012X Datasheet
1Mb / 28P
16V Input, 3A, Step-Down DC/DC Converter
RAA23022X RENESAS-RAA23022X Datasheet
1Mb / 32P
16V Input, 3A, Dual Step-Down DC/DC Converter
logo
Holtek Semiconductor In...
HT7466 HOLTEK-HT7466_14 Datasheet
1Mb / 9P
3A Step-Down DC to DC Converter
September 11, 2014
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com