Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPF7250 Datasheet (PDF) - Qorvo, Inc

QPF7250 Datasheet PDF - Qorvo, Inc
Part # QPF7250
Download  QPF7250 Download
File Size   151.71 Kbytes
Page   2 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description Wi-Fi 7 edgeBoost integrated Front End Module

QPF7250 Datasheet (PDF)

Go To PDF Page Download Datasheet
QPF7250 Datasheet PDF - Qorvo, Inc

Part # QPF7250
Download  QPF7250 Click to download

File Size   151.71 Kbytes
Page   2 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description Wi-Fi 7 edgeBoost integrated Front End Module

QPF7250 Datasheet (HTML) - Qorvo, Inc


QPF7250 Product details

Key Features
• 2402-2472 MHz
• POUT = +26 dBm FCC Restricted Bandedge Compliance
• POUT = +17 dBm MCS13 EHT20 -47 dB Dynamic EVM
• POUT = +19.5 dBm MCS11 HE20 -43 dB Dynamic EVM
• POUT = +23.5 dBm MCS7 HT20/40 -30 dB Dynamic EVM
• POUT = +26 dBm MCS0 HT20 Spectral Mask Compliance
• Optimized for +5 V Operation
• 35 dB Tx Gain
• 2.7 dB Noise Figure
• 15.5 dB Rx Gain & 8.5 dB Bypass Loss
• Integrated RF & DC Power Detectors

Applications
• Access Points
• Wireless Routers
• Residential Gateways
• Customer Premise Equipment
• Internet of Things




Similar Part No. - QPF7250

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
QPF7200 TRIQUINT-QPF7200 Datasheet
365Kb / 10P
2.4GHz Integrated Wi-Fi Front-End Module
QPF7200PCBA-410 TRIQUINT-QPF7200PCBA-410 Datasheet
365Kb / 10P
2.4GHz Integrated Wi-Fi Front-End Module
QPF7200SB TRIQUINT-QPF7200SB Datasheet
365Kb / 10P
2.4GHz Integrated Wi-Fi Front-End Module
QPF7200SQ TRIQUINT-QPF7200SQ Datasheet
365Kb / 10P
2.4GHz Integrated Wi-Fi Front-End Module
QPF7200SR TRIQUINT-QPF7200SR Datasheet
365Kb / 10P
2.4GHz Integrated Wi-Fi Front-End Module
More results


Similar Description - QPF7250

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM4555 RFMD-RFFM4555 Datasheet
419Kb / 6P
Wi-Fi Integrated Front End Module
logo
TriQuint Semiconductor
QPF7200 TRIQUINT-QPF7200 Datasheet
365Kb / 10P
2.4GHz Integrated Wi-Fi Front-End Module
RFFM4252 TRIQUINT-RFFM4252 Datasheet
552Kb / 7P
Wi-Fi Front End Module
logo
Qorvo, Inc
QPF7219 QORVO-QPF7219 Datasheet
272Kb / 2P
Wi-Fi integrated Front End Module
QPF4506 QORVO-QPF4506 Datasheet
303Kb / 2P
Wi-Fi Front End Module
QPF4219 QORVO-QPF4219 Datasheet
165Kb / 2P
Wi-Fi Front End Module
QPF4216 QORVO-QPF4216 Datasheet
168Kb / 2P
Wi-Fi Front End Module
RFFM8227P QORVO-RFFM8227P Datasheet
142Kb / 2P
Wi-Fi Front End Module
RFFM4558A QORVO-RFFM4558A Datasheet
151Kb / 2P
Wi-Fi Front End Module
RFFM4252 QORVO-RFFM4252 Datasheet
147Kb / 2P
Wi-Fi Front End Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com