Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA-1181-10AC Datasheet (PDF) - Lite-On Technology Corporation

PA-1181-10AC Datasheet PDF - Lite-On Technology Corporation
Part # PA-1181-10AC
Download  PA-1181-10AC Download
File Size   447.67 Kbytes
Page   3 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description PC Power Supply TFX Series 12V without Standby

PA-1181-10AC Datasheet (PDF)

Go To PDF Page Download Datasheet
PA-1181-10AC Datasheet PDF - Lite-On Technology Corporation

Part # PA-1181-10AC
Download  PA-1181-10AC Click to download

File Size   447.67 Kbytes
Page   3 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description PC Power Supply TFX Series 12V without Standby

PA-1181-10AC Datasheet (HTML) - Lite-On Technology Corporation


PA-1181-10AC Product details

* Full AC input voltage range design.
* High power factor and less fictitious power.
* Withstand 300Vac surge voltage for 5 seconds.
* Full Protections: Short-circuit/ Over-voltage/ Over-current/ Over temperature.
* Smart fan silence mode (light load)
* IEC/EN 62368-1 design compliance.
* Up to 5000 meters operating altitude (note#4)
* High efficiency and high reliability.
* REM_ON/OFF and PWR_OK signal




Similar Part No. - PA-1181-10AC

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
PA-1181-16 LITEON-PA-1181-16 Datasheet
296Kb / 3P
Laptop Power Adapter
More results


Similar Description - PA-1181-10AC

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY268P POWERINT-TNY268P Datasheet
375Kb / 20P
15W PC Standby power supply
logo
Mean Well Enterprises C...
YP-350A-AA MEANWELL-YP-350A-AA Datasheet
460Kb / 2P
250WATX 12V PC Power Supply
IPC-250 MEANWELL-IPC-250_10 Datasheet
377Kb / 3P
250W Industrial 1U ATX 12V/P4 PC Power Supply
IPC-300A MEANWELL-IPC-300A_10 Datasheet
448Kb / 6P
300W Industrial 1U ATX 12V/P4 PC Power Supply
IPC-250_1108 MEANWELL-IPC-250_1108 Datasheet
381Kb / 3P
250W Industrial 1U ATX 12V/P4 PC Power Supply
IPC-200_1112 MEANWELL-IPC-200_1112 Datasheet
376Kb / 3P
200W Industrial 1U ATX 12V/P4 PC Power Supply
logo
Sparkle Power Inc.
SPI300T8HNB SPI-SPI300T8HNB Datasheet
98Kb / 1P
300 Watts TFX Power Supply
SPI150TNH SPI-SPI150TNH Datasheet
153Kb / 1P
150 Watts TFX Power Supply
logo
FSP TECHNOLOGY INC.
FSP250-50SNT FSP-FSP250-50SNT Datasheet
96Kb / 1P
TFX form fator AC -line powered switching power supply without PFC circuit
logo
Mean Well Enterprises C...
IPC-300 MEANWELL-IPC-300 Datasheet
129Kb / 6P
300W Industrial 1U ATX 12V/P4 PC Power Supply
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com