Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

440-PA Datasheet (PDF) - WECO ELECTRICAL CONNECTORS INC.

440-PA Datasheet PDF - WECO ELECTRICAL CONNECTORS INC.
Part # 440-PA
Download  440-PA Download
File Size   264.74 Kbytes
Page   1 Pages
Manufacturer  WECO [WECO ELECTRICAL CONNECTORS INC.]
Direct Link  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.
Description Flat plug guide for tab connections 6,3 mm

440-PA Datasheet (PDF)

Go To PDF Page Download Datasheet
440-PA Datasheet PDF - WECO ELECTRICAL CONNECTORS INC.

Part # 440-PA
Download  440-PA Click to download

File Size   264.74 Kbytes
Page   1 Pages
Manufacturer  WECO [WECO ELECTRICAL CONNECTORS INC.]
Direct Link  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.
Description Flat plug guide for tab connections 6,3 mm

440-PA Datasheet (HTML) - WECO ELECTRICAL CONNECTORS INC.


440-PA Product details

Flat plug guides 440-PA are used for insulating flat plug connections of nominal
size 6,3.
During assembly, a latch locks the flat plug into place in the housing. The tab
receptacle can then be plugged onto the plug.
All along the plug guide, the plug contact is completely insulated.




Similar Part No. - 440-PA

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
440-050 MULTICOMP-440-050 Datasheet
266Kb / 1P
Battery Holders
08/06/22 V1.0
logo
Glenair, Inc.
440-069 GLENAIR-440-069 Datasheet
219Kb / 2P
EMI/RFI Banding and Shrink Boot Adapter
logo
List of Unclassifed Man...
440-176 ETC1-440-176 Datasheet
30Kb / 1P
Diagonal cutters oval
440-190 ETC1-440-190 Datasheet
30Kb / 1P
Diagonal cutters oval
440-206 ETC1-440-206 Datasheet
30Kb / 1P
Diagonal cutters oval
More results


Similar Description - 440-PA

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
411-B WECO-411-B Datasheet
122Kb / 1P
Plug receptacle for tabs 6,3 mm
03.19
411-S WECO-411-S Datasheet
141Kb / 1P
Flat plug housing for tabs 6,3 mm
03.19
900-F-S-5 WECO-900-F-S-5 Datasheet
96Kb / 1P
Tab connector Tab 2x 2,8 mm / 1x 6,3 mm, with pegs
07.19
900-F-S-7.5 WECO-900-F-S-7.5 Datasheet
91Kb / 1P
Tab connector Tab 2x 2,8 mm / 1x 6,3 mm, with pegs
07.19
900-S-10 WECO-900-S-10 Datasheet
89Kb / 1P
Tab connector Tab 2x 2,8 mm / 1x 6,3 mm
07.19
900-S-5 WECO-900-S-5 Datasheet
105Kb / 1P
Tab connector Tab 2x 2,8 mm / 1x 6,3 mm
07.19
900-S-7.5 WECO-900-S-7.5 Datasheet
96Kb / 1P
Tab connector Tab 2x 2,8 mm / 1x 6,3 mm
07.19
900-SUN-10 WECO-900-SUN-10 Datasheet
85Kb / 1P
Tab connector Tab 6,3 mm
07.19
900-SUN-5 WECO-900-SUN-5 Datasheet
97Kb / 1P
Tab connector Tab 6,3 mm
07.19
900-SUN-7.5 WECO-900-SUN-7.5 Datasheet
90Kb / 1P
Tab connector Tab 6,3 mm
07.19
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com