Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAB82C257 Datasheet (PDF) - Siemens Semiconductor Group

SAB82C257 Datasheet PDF - Siemens Semiconductor Group
Part # SAB82C257
Download  SAB82C257 Download
File Size   18.88 Kbytes
Page   2 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Advanced DMA Controller for 16-Bit Microcomputer Sytems (ADMA)

SAB82C257 Datasheet (PDF)

Go To PDF Page Download Datasheet
SAB82C257 Datasheet PDF - Siemens Semiconductor Group

Part # SAB82C257
Download  SAB82C257 Click to download

File Size   18.88 Kbytes
Page   2 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Advanced DMA Controller for 16-Bit Microcomputer Sytems (ADMA)

SAB82C257 Datasheet (HTML) - Siemens Semiconductor Group


SAB82C257 Product details

General Description

The SAB 82258A is an advanced general-purpose four channel DMA controller tailored for efficient high speed data transfer between peripheral devices and memories. It is either coupled tightly with a companion CPU (local mode) or working in stand alone applications using the remote mode. The SAB 82258A is unique among DMA controllers providing complete direct interfacing to the SAB 80286 as well as to SAB 80186/188/86/88 bus.

Its four superfast DMA channels transfer rate up to 10 Mbytes per second are possible. If the maximum transfer rate reaches as much as 20 Mbyte/second. In addition one of the DMA channels may be configured as multiplexer channel so that a large number of low speed peripherals can share the use of the same channel. The interrupt structure belongs to the fastest and most versatile ones available. Multiple SAB 82258A DMAs can be integrated very easily by using a simple local bus arbiter logic.

The SAB 82258A is the only DMA controller that provides source or destination-oriented data chaining (two chaining modes) as well as conditional command chaining (jumps within channel program based on several conditions).



Features

• 16-bit DMA controller for 16-bit family processors

   – SAB 80286

   – SAB 80186 188

   – SAB 8086/88

• 4 independent high-speed DMA channels

• 16 Mbyte addressing range

• 16 Mbyte maximum block length

• Memory based communication with CPU

• “On-the fly” compare, translate and verify operations

• Transfer rates up to 10 Mbyte/s

• 32-bit-fly-by transfers with up to 20 Mbyte/s (10-MHz system)

• Single cycle and two cycle transfer

• Automatic chaining of command blocks

• Variable chaining of data blocks

• Multiplexer mode operation with up to 32 subchannels

• Local and remote (standalone) mode

• Support of 16-bit and 8-bit data buses

• Multiple programmable control of channel priorities

• Direct and fast CPU/channel communication



 




Similar Part No. - SAB82C257

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAB82C250 SIEMENS-SAB82C250 Datasheet
729Kb / 34P
ADVANCED PERIPHERAL INTERFACE CONTROLLER
SAB82C250-N SIEMENS-SAB82C250-N Datasheet
729Kb / 34P
ADVANCED PERIPHERAL INTERFACE CONTROLLER
SAB82C251-N SIEMENS-SAB82C251-N Datasheet
729Kb / 34P
ADVANCED PERIPHERAL INTERFACE CONTROLLER
More results


Similar Description - SAB82C257

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM82C37B-5RS OKI-MSM82C37B-5RS Datasheet
301Kb / 34P
PROGRAMMABLE DMA CONTROLLER
logo
Toshiba Semiconductor
TMP82C37A TOSHIBA-TMP82C37A Datasheet
1Mb / 65P
MULTIMODE DMA CONTROLLER
logo
Texas Instruments
TMS9995NL-12 TI-TMS9995NL-12 Datasheet
3Mb / 39P
16-Bit Microcomputer
logo
Altera Corporation
A8237 ALTERA-A8237 Datasheet
269Kb / 22P
PROGRAMMABLE DMA CONTROLLER
logo
NEC
UPD71071 NEC-UPD71071 Datasheet
1Mb / 37P
DMA Controller
logo
Intel Corporation
M8257 INTEL-M8257 Datasheet
360Kb / 7P
PROGRAMMABLE DMA CONTROLLER
logo
Advanced Micro Devices
AM9157A AMD-AM9157A Datasheet
1Mb / 21P
Multimode DMA Controller
AM8257 AMD-AM8257 Datasheet
519Kb / 8P
Programmable DMA Controller
logo
NEC
UPD8257 NEC-UPD8257 Datasheet
608Kb / 11P
PROGRAMMABLE DMA CONTROLLER
logo
Zarlink Semiconductor I...
MV6001 ZARLINK-MV6001 Datasheet
266Kb / 12P
HDLC/DMA CONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com