Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

141815141010 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

141815141010 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 141815141010
Download  141815141010 Download
File Size   1861.03 Kbytes
Page   13 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WL-OCDA - Optocoupler Darlington

141815141010 Datasheet (PDF)

Go To PDF Page Download Datasheet
141815141010 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 141815141010
Download  141815141010 Click to download

File Size   1861.03 Kbytes
Page   13 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WL-OCDA - Optocoupler Darlington

141815141010 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


141815141010 Product details

General Information:
Operating Temperature -55 up to +110 °C
Storage Conditions (for single
parts) -55 up to +125 °C
Storage Conditions (in original
packaging) < 40 °C ; < 75 % RH
Moisture Sensitivity Level (MSL) 1




Similar Part No. - 141815141010

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
141815140010 WURTH-141815140010 Datasheet
1Mb / 13P
WL-OCDA - Optocoupler Darlington
001.001
141815142000 WURTH-141815142000 Datasheet
1Mb / 12P
WL-OCDA - Optocoupler Darlington
001.001
141815143000 WURTH-141815143000 Datasheet
1Mb / 12P
WL-OCDA - Optocoupler Darlington
001.001
141815144000 WURTH-141815144000 Datasheet
1Mb / 12P
WL-OCDA - Optocoupler Darlington
001.001
More results


Similar Description - 141815141010

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
140817141110 WURTH-140817141110 Datasheet
1Mb / 13P
WL-OCPT Optocoupler Phototransistor
001.000
140816144100 WURTH-140816144100 Datasheet
1Mb / 11P
WL-OCPT Optocoupler
001.001
140816144300 WURTH-140816144300 Datasheet
1Mb / 11P
WL-OCPT Optocoupler
001.001
140816144400 WURTH-140816144400 Datasheet
1Mb / 11P
WL-OCPT Optocoupler
001.001
141352145000 WURTH-141352145000 Datasheet
2Mb / 13P
WL-OCDA - Optocoupler Darlington
001.002
141355145000 WURTH-141355145000 Datasheet
1Mb / 13P
WL-OCDA - Optocoupler Darlington
001.001
141815140010 WURTH-141815140010 Datasheet
1Mb / 13P
WL-OCDA - Optocoupler Darlington
001.001
141815142000 WURTH-141815142000 Datasheet
1Mb / 12P
WL-OCDA - Optocoupler Darlington
001.001
141815143000 WURTH-141815143000 Datasheet
1Mb / 12P
WL-OCDA - Optocoupler Darlington
001.001
141815144000 WURTH-141815144000 Datasheet
1Mb / 12P
WL-OCDA - Optocoupler Darlington
001.001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com