Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-BF536BBCZ-4B Datasheet (PDF) - Analog Devices

ADSP-BF536BBCZ-4B Datasheet PDF - Analog Devices
Part # ADSP-BF536BBCZ-4B
Download  ADSP-BF536BBCZ-4B Download
File Size   2556.15 Kbytes
Page   68 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Blackfin Embedded Processor

ADSP-BF536BBCZ-4B Datasheet (PDF)

Go To PDF Page Download Datasheet
ADSP-BF536BBCZ-4B Datasheet PDF - Analog Devices

Part # ADSP-BF536BBCZ-4B
Download  ADSP-BF536BBCZ-4B Click to download

File Size   2556.15 Kbytes
Page   68 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Blackfin Embedded Processor

ADSP-BF536BBCZ-4B Datasheet (HTML) - Analog Devices


ADSP-BF536BBCZ-4B Product details

GENERAL DESCRIPTION
The ADSP-BF534/ADSP-BF536/ADSP-BF537 processors are members of the Blackfin family of products, incorporating the Analog Devices/Intel Micro Signal Architecture (MSA). Blackfin processors combine a dual-MAC state-of-the-art signal processing engine, the advantages of a clean, orthogonal RISClike microprocessor instruction set, and single-instruction, multiple-data (SIMD) multimedia capabilities into a single instruction-set architecture.
   
FEATURES
    Up to 600 MHz high performance Blackfin processor
        Two 16-bit MACs, two 40-bit ALUs, four 8-bit video ALUs, 40-bit shifter
        RISC-like register and instruction model for ease of programming and compiler-friendly support
        Advanced debug, trace, and performance monitoring
    0.8 V to 1.2 V core VDD with on-chip voltage regulation
    2.5 V and 3.3 V-tolerant I/O with specific 5 V-tolerant pins
    182-ball and 208-ball MBGA packages
   
MEMORY
    Up to 132K bytes of on-chip memory comprised of:
        Instruction SRAM/cache; instruction SRAM; data SRAM/cache; additional dedicated data SRAM; scratchpad SRAM (see Table 1 on Page 3 for available memory configurations)
    External memory controller with glueless support for SDRAM and asynchronous 8-bit and 16-bit memories
    Flexible booting options from external flash, SPI and TWI memory or from SPI, TWI, and UART host devices
    Memory management unit providing memory protection
   
PERIPHERALS
    IEEE 802.3-compliant 10/100 Ethernet MAC (ADSP-BF536 and ADSP-BF537 only)
    Controller area network (CAN) 2.0B interface
    Parallel peripheral interface (PPI), supporting ITU-R 656 video data formats
    Two dual-channel, full-duplex synchronous serial ports (SPORTs), supporting eight stereo I2S channels
    12 peripheral DMAs, 2 mastered by the Ethernet MAC
    Two memory-to-memory DMAs with external request lines
    Event handler with 32 interrupt inputs
    Serial peripheral interface (SPI)-compatible
    Two UARTs with IrDA® support
    Two-wire interface (TWI) controller
    Eight 32-bit timer/counters with PWM support
    Real-time clock (RTC) and watchdog timer
    32-bit core timer
    48 general-purpose I/Os (GPIOs), 8 with high current drivers
    On-chip PLL capable of 1 x to 63 x frequency multiplication
    Debug/JTAG interface
   




Similar Part No. - ADSP-BF536BBCZ-4B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF536BBCZ-4B AD-ADSP-BF536BBCZ-4B Datasheet
1Mb / 68P
Blackfin Embedded Processor
Rev. E
More results


Similar Description - ADSP-BF536BBCZ-4B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF531 AD-ADSP-BF531 Datasheet
671Kb / 56P
Blackfin Embedded Processor
3/04-Revision 0
ADSP-BF538 AD-ADSP-BF538 Datasheet
3Mb / 56P
Blackfin Embedded Processor
May-2006
ADSP-BF539 AD-ADSP-BF539 Datasheet
2Mb / 68P
Blackfin Embedded Processor
Sep-2006
ADSP-BF534 AD-ADSP-BF534_08 Datasheet
1Mb / 68P
Blackfin Embedded Processor
Rev. E
ADSP-BF516BSWZ-4 AD-ADSP-BF516BSWZ-4 Datasheet
2Mb / 68P
Blackfin Embedded Processor
REV. B
ADSP-BF533SBBC-500 AD-ADSP-BF533SBBC-500 Datasheet
2Mb / 64P
Blackfin Embedded Processor
Rev. I
ADSP-BF527 AD-ADSP-BF527_15 Datasheet
2Mb / 88P
Blackfin Embedded Processor
REV. D
ADSP-BF544 AD-ADSP-BF544_15 Datasheet
3Mb / 102P
Blackfin Embedded Processor
Rev. E
ADSP-BF538 AD-ADSP-BF538_15 Datasheet
3Mb / 60P
Blackfin Embedded Processor
Rev. E
ADSP-BF538F AD-ADSP-BF538F_15 Datasheet
3Mb / 60P
Blackfin Embedded Processor
Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com