Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMN1R6-25YLE Datasheet (PDF) - Nexperia B.V. All rights reserved

PSMN1R6-25YLE Datasheet PDF - Nexperia B.V. All rights reserved
Part # PSMN1R6-25YLE
Download  PSMN1R6-25YLE Download
File Size   314.15 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description N-channel 25 V, 1.9 mOhm, ASFET for hotswap with enhanced SOA in LFPAK56

PSMN1R6-25YLE Datasheet (PDF)

Go To PDF Page Download Datasheet
PSMN1R6-25YLE Datasheet PDF - Nexperia B.V. All rights reserved

Part # PSMN1R6-25YLE
Download  PSMN1R6-25YLE Click to download

File Size   314.15 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description N-channel 25 V, 1.9 mOhm, ASFET for hotswap with enhanced SOA in LFPAK56

PSMN1R6-25YLE Datasheet (HTML) - Nexperia B.V. All rights reserved


PSMN1R6-25YLE Product details

description
N-channel enhancement mode ASFET for hotswap with enhanced SOA in LFPAK56 package
optimized for low RDSon and strong safe operating area, optimized for hot-swap, inrush and linearmode
applications.

Features
• Fully optimized Safe Operating Area (SOA) for superior linear mode operation
• Optimized for low RDSon / low I2R conduction losses
• LFPAK56 package for applications that demand the highest performance and reliability in a
30 mm2 footprint
• Low leakage <1 μA at 25 °C
• Copper-clip for low parasitic inductance and resistance
• High reliability LFPAK package, qualified to 175 °C

Applications
• Hot swap in 12 V - 20 V applications
• e-Fuse
• DC switch
• Load switch
• Battery protection




Similar Part No. - PSMN1R6-25YLE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN1R6-30BL PHILIPS-PSMN1R6-30BL Datasheet
219Kb / 15P
N-channel 30 V 1.9 m廓 logic level MOSFET in D2PAK
Rev. 1-22 March 2012
logo
Inchange Semiconductor ...
PSMN1R6-30BL ISC-PSMN1R6-30BL Datasheet
299Kb / 2P
isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
PSMN1R6-30BL NEXPERIA-PSMN1R6-30BL Datasheet
816Kb / 15P
N-channel 30 V 1.9 mΩ logic level MOSFET in D2PAK
Rev. 1 - 22 March 2012
logo
NXP Semiconductors
PSMN1R6-30BL PHILIPS-PSMN1R6-30BL_15 Datasheet
219Kb / 15P
N-channel 30 V 1.9 m logic level MOSFET in D2PAK
Rev. 1-22 March 2012
logo
Nexperia B.V. All right...
PSMN1R6-30MLH NEXPERIA-PSMN1R6-30MLH Datasheet
303Kb / 12P
N-channel 30 V, 1.9 mΩ, 160 A logic level MOSFET in LFPAK33 using NextPowerS3 technology
12 November 2019
More results


Similar Description - PSMN1R6-25YLE

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN1R9-80SSE NEXPERIA-PSMN1R9-80SSE Datasheet
333Kb / 13P
N-channel 80 V, 1.9 mOhm MOSFET with enhanced SOA in LFPAK88
6 February 2023
PSMN1R0-30YLE NEXPERIA-PSMN1R0-30YLE Datasheet
321Kb / 13P
N-channel 30 V, 1.1 mOhm, ASFET for hotswap with enhanced SOA in LFPAK56
10 November 2022
PSMN1R1-30YLE NEXPERIA-PSMN1R1-30YLE Datasheet
318Kb / 13P
N-channel 30 V, 1.3 mOhm, ASFET for hotswap with enhanced SOA in LFPAK56
10 November 2022
PSMN2R1-30YLE NEXPERIA-PSMN2R1-30YLE Datasheet
320Kb / 13P
N-channel 30 V, 2.2 mOhm, ASFET for hotswap with enhanced SOA in LFPAK56
10 November 2022
PSMN2R5-80SSE NEXPERIA-PSMN2R5-80SSE Datasheet
249Kb / 9P
N-channel 80 V, 2.5 mOhm MOSFET with enhanced SOA in LFPAK88
27 July 2023
PSMN4R8-100YSE NEXPERIA-PSMN4R8-100YSE Datasheet
317Kb / 13P
N-channel 100 V, 4.8 mOhm MOSFET with enhanced SOA in LFPAK56E
25 June 2021
PSMNR56-25YLE NEXPERIA-PSMNR56-25YLE Datasheet
309Kb / 12P
N-channel 25 V, 0.63 mOhm, ASFET for hotswap with enhanced SOA in LFPAK56E
10 November 2022
PSMNR67-30YLE NEXPERIA-PSMNR67-30YLE Datasheet
304Kb / 12P
N-channel 30 V, 0.70 mOhm, ASFET for hotswap with enhanced SOA in LFPAK56E
10 November 2022
PSMNR82-30YLE NEXPERIA-PSMNR82-30YLE Datasheet
315Kb / 13P
N-channel 30 V, 0.87 mOhm, ASFET for hotswap with enhanced SOA in LFPAK56
10 November 2022
PSMNR89-25YLE NEXPERIA-PSMNR89-25YLE Datasheet
320Kb / 13P
N-channel 25 V, 0.98 mOhm, ASFET for hotswap with enhanced SOA in LFPAK56
10 January 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com