Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JVR-20N241K Datasheet (PDF) - RFE international

JVR-20N241K Datasheet PDF - RFE international
Part # JVR-20N241K
Download  JVR-20N241K Download
File Size   194.33 Kbytes
Page   1 Pages
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international
Description METAL OXIDE VARISTOR 20mm Disc

JVR-20N241K Datasheet (PDF)

Go To PDF Page Download Datasheet
JVR-20N241K Datasheet PDF - RFE international

Part # JVR-20N241K
Download  JVR-20N241K Click to download

File Size   194.33 Kbytes
Page   1 Pages
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international
Description METAL OXIDE VARISTOR 20mm Disc

JVR-20N241K Datasheet (HTML) - RFE international




Similar Part No. - JVR-20N241K

ManufacturerPart #DatasheetDescription
logo
RFE international
JVR-25N101KPU5L RFE-JVR-25N101KPU5L Datasheet
118Kb / 2P
METAL OXIDE VARISTOR 25mm, Large Size, High Surge
JVR-25N102KPU5L RFE-JVR-25N102KPU5L Datasheet
118Kb / 2P
METAL OXIDE VARISTOR 25mm, Large Size, High Surge
JVR-25N112KPU5L RFE-JVR-25N112KPU5L Datasheet
118Kb / 2P
METAL OXIDE VARISTOR 25mm, Large Size, High Surge
JVR-25N121KPU5L RFE-JVR-25N121KPU5L Datasheet
118Kb / 2P
METAL OXIDE VARISTOR 25mm, Large Size, High Surge
JVR-25N122KPU5L RFE-JVR-25N122KPU5L Datasheet
118Kb / 2P
METAL OXIDE VARISTOR 25mm, Large Size, High Surge
More results


Similar Description - JVR-20N241K

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
NVD05U KOA-NVD05U Datasheet
104Kb / 3P
metal oxide varistor disc type
logo
RFE international
JVR05N180M65Y RFE-JVR05N180M65Y Datasheet
111Kb / 1P
METAL OXIDE VARISTOR 5mm Disc
JVR07N180M65 RFE-JVR07N180M65 Datasheet
127Kb / 1P
METAL OXIDE VARISTOR 7mm Disc
JVR10N180M87 RFE-JVR10N180M87 Datasheet
150Kb / 1P
METAL OXIDE VARISTOR 10mm Disc
JVR14N180M87 RFE-JVR14N180M87 Datasheet
129Kb / 1P
METAL OXIDE VARISTOR 14mm Disc
JVR14S180M87 RFE-JVR14S180M87 Datasheet
181Kb / 1P
METAL OXIDE VARISTOR 14mm Disc HIGH SURGE
JVR20N180M11 RFE-JVR20N180M11 Datasheet
150Kb / 1P
METAL OXIDE VARISTOR 20mm Disc
JVR20S180M11 RFE-JVR20S180M11 Datasheet
168Kb / 1P
METAL OXIDE VARISTOR 20mm Disc HIGH SURGE
logo
KOA Speer Electronics, ...
NVD05UCDMHTA220 KOA-NVD05UCDMHTA220 Datasheet
329Kb / 3P
metal oxide varistor disc type
NVD10UCD200 KOA-NVD10UCD200 Datasheet
280Kb / 4P
metal oxide varistor disc type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com