| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NCV4279B
|
102Kb / 12P |
5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Monitor FLAG
August, 2003 ??Rev. 1 |
|
NCV8502
|
114Kb / 14P |
Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
June, 2004 ??Rev. 19 |
|
NCV4269
|
148Kb / 12P |
5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
November, 2004 ??Rev. 5 |
|
NCV4269
|
145Kb / 16P |
5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
February, 2007 ??Rev. 10 |
|
NCV4279
|
114Kb / 14P |
5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
December, 2005 ??Rev. 3 |
|
NCV8502
|
198Kb / 15P |
Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
February, 2007 ??Rev. 26 |
|
NCV4269A
|
219Kb / 17P |
5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
December, 2009 ??Rev. 1 |
|
NCV4279A
|
181Kb / 14P |
5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
October, 2009 ??Rev. 1 |
|
NCV4269C
|
156Kb / 16P |
5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET and Sense Output
June, 2015 ??Rev. 3 |
|
NCV4279C
|
123Kb / 14P |
5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET and Sense Output
May, 2015 ??Rev. 4 |