Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

971-SLR Datasheet (PDF) - WECO ELECTRICAL CONNECTORS INC.

971-SLR Datasheet PDF - WECO ELECTRICAL CONNECTORS INC.
Part # 971-SLR
Download  971-SLR Download
File Size   70.46 Kbytes
Page   1 Pages
Manufacturer  WECO [WECO ELECTRICAL CONNECTORS INC.]
Direct Link  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.
Description Pin strip Soldering area ø 1 mm; plug-in area ø 1,3 mm

971-SLR Datasheet (PDF)

Go To PDF Page Download Datasheet
971-SLR Datasheet PDF - WECO ELECTRICAL CONNECTORS INC.

Part # 971-SLR
Download  971-SLR Click to download

File Size   70.46 Kbytes
Page   1 Pages
Manufacturer  WECO [WECO ELECTRICAL CONNECTORS INC.]
Direct Link  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.
Description Pin strip Soldering area ø 1 mm; plug-in area ø 1,3 mm

971-SLR Datasheet (HTML) - WECO ELECTRICAL CONNECTORS INC.




Similar Part No. - 971-SLR

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
971-SLR-SMD-1.1 WECO-971-SLR-SMD-1.1 Datasheet
90Kb / 1P
Pin strip for SMD Plug-in area ø 1,1 mm
04.19
971-SLR-SMD-1.1/02 WECO-971-SLR-SMD-1.1/02 Datasheet
90Kb / 1P
Pin strip for SMD Plug-in area ø 1,1 mm
04.19
971-SLR-SMD-1.1/02-TR WECO-971-SLR-SMD-1.1/02-TR Datasheet
90Kb / 1P
Pin strip for SMD Plug-in area ø 1,1 mm
04.19
971-SLR-SMD-1.1/03 WECO-971-SLR-SMD-1.1/03 Datasheet
90Kb / 1P
Pin strip for SMD Plug-in area ø 1,1 mm
04.19
971-SLR-SMD-1.1/03-TR WECO-971-SLR-SMD-1.1/03-TR Datasheet
90Kb / 1P
Pin strip for SMD Plug-in area ø 1,1 mm
04.19
More results


Similar Description - 971-SLR

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
931-SLR-SMD-1.3 WECO-931-SLR-SMD-1.3 Datasheet
91Kb / 1P
Pin strip for SMD Plug-in area ø 1,3 mm
11.17
931-SLR-THR-1.3 WECO-931-SLR-THR-1.3 Datasheet
92Kb / 1P
Pin strip for THR Soldering/plug-in area ø 1,3 mm
11.17
931-SLR-THR WECO-931-SLR-THR Datasheet
88Kb / 1P
Pin strip for THR Soldering area ø 1 mm; plug-in area ø 1,3 mm
11.17
931-SLS WECO-931-SLS Datasheet
69Kb / 1P
Pin strip Soldering area ø 1 mm; plug-in area ø 1,3 mm
04.18
971-FBWP WECO-971-FBWP Datasheet
62Kb / 1P
Pin strip Plug-in area ø 1,3 mm, with locking plate
05.11
971-SLR-SMD-1.3 WECO-971-SLR-SMD-1.3 Datasheet
90Kb / 1P
Pin strip for SMD Plug-in area ø 1,3 mm
11.17
971-SLR-THR-1.3 WECO-971-SLR-THR-1.3 Datasheet
87Kb / 1P
Pin strip for THR Soldering/plug-in area ø 1,3 mm
11.17
971-SLR-THR WECO-971-SLR-THR Datasheet
86Kb / 1P
Pin strip for THR Soldering area ø 1 mm; plug-in area ø 1,3 mm
11.17
971-SLS WECO-971-SLS Datasheet
52Kb / 1P
Pin strip Soldering area ø 1 mm; plug-in area ø 1,3 mm, with support
07.19
971-SLW WECO-971-SLW Datasheet
54Kb / 1P
Pin strip Soldering area ø 1 mm; plug-in area ø 1,3 mm, with long support
07.19
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com