Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1408942 Datasheet (PDF) - PHOENIX CONTACT

1408942 Datasheet PDF - PHOENIX CONTACT
Part # 1408942
Download  1408942 Download
File Size   384.55 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description NBC-R4RC/2,0-93E/R4RC - Network cable

1408942 Datasheet (PDF)

Go To PDF Page Download Datasheet
1408942 Datasheet PDF - PHOENIX CONTACT

Part # 1408942
Download  1408942 Click to download

File Size   384.55 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description NBC-R4RC/2,0-93E/R4RC - Network cable

1408942 Datasheet (HTML) - PHOENIX CONTACT


1408942 Product details

Assembled Ethernet cable, CAT5e, shielded, 2-pair, 26 AWG stranded (7-wire), RAL 5021
(water blue), RJ45 plug/IP67 push/pull metal housing to RJ45 plug/IP67 push/pull metal housing,
line, length: 2 m

Your advantages
• Compact angle
• Perfect for industrial applications
• PVC cable for flexible installations
• Worldwide approval with CE, UL, WEEE, and EAC
• Secure connection and disconnection with reliable locking clip protection
• Ideal EMC properties, thanks to 360° shielding
• Simultaneous power transmission with PoE++
• Resistant to shock and vibrations, thanks to robust molding
• High-speed data transmission with up to 1 Gbps (CAT5)




Similar Part No. - 1408942

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1408941 PHOENIX-1408941 Datasheet
384Kb / 10P
NBC-R4RC/1,0-93E/R4RC - Network cable
1408943 PHOENIX-1408943 Datasheet
354Kb / 10P
NBC-R4RC/5,0-93E/R4RC - Network cable
1408945 PHOENIX-1408945 Datasheet
384Kb / 10P
NBC-R4RC/10,0-93E/R4RC - Network cable
1408946 PHOENIX-1408946 Datasheet
384Kb / 10P
NBC-R4QC/5,0-93E/R4QC - Network cable
1408947 PHOENIX-1408947 Datasheet
384Kb / 10P
NBC-R4QC/1,0-93E/R4QC - Network cable
More results


Similar Description - 1408942

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1411866 PHOENIX-1411866 Datasheet
496Kb / 15P
NBC-R4RC-R4RC-PN4/.../... - Network cable
1407369 PHOENIX-1407369 Datasheet
694Kb / 19P
NBC-MSD/ 2,0-93E/R4RC SCO - Network cable
1407393 PHOENIX-1407393 Datasheet
692Kb / 18P
NBC-FSD/ 2,0-93E/R4RC SCO - Network cable
1408945 PHOENIX-1408945 Datasheet
384Kb / 10P
NBC-R4RC/10,0-93E/R4RC - Network cable
1408962 PHOENIX-1408962 Datasheet
395Kb / 10P
NBC-R4RC/2,0-94B/R4RC - Network cable
1408975 PHOENIX-1408975 Datasheet
381Kb / 10P
NBC-R4RC/2,0-93B/R4RC - Network cable
1411847 PHOENIX-1411847 Datasheet
460Kb / 13P
NBC-R4RC-R4RC-IE8/.../... - Network cable
1414323 PHOENIX-1414323 Datasheet
338Kb / 11P
NBC-R4RC-R4RC-IE8A/.../... - Network cable
1408941 PHOENIX-1408941 Datasheet
384Kb / 10P
NBC-R4RC/1,0-93E/R4RC - Network cable
1408943 PHOENIX-1408943 Datasheet
354Kb / 10P
NBC-R4RC/5,0-93E/R4RC - Network cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com