Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1408967 Datasheet (PDF) - PHOENIX CONTACT

1408967 Datasheet PDF - PHOENIX CONTACT
Part # 1408967
Download  1408967 Download
File Size   395.68 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description NBC-R4QC/10,0-94B/R4QC - Network cable

1408967 Datasheet (PDF)

Go To PDF Page Download Datasheet
1408967 Datasheet PDF - PHOENIX CONTACT

Part # 1408967
Download  1408967 Click to download

File Size   395.68 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description NBC-R4QC/10,0-94B/R4QC - Network cable

1408967 Datasheet (HTML) - PHOENIX CONTACT


1408967 Product details

Assembled Ethernet cable, shielded, 4-pair, 26 AWG stranded (7-wire), RAL 5021 (water blue),
RJ45 plug/IP67 push/pull plastic housing to RJ45 plug/IP67 push/pull plastic housing, line,
length: 10 m

Your advantages
• Compact angle
• Perfect for industrial applications
• PVC cable for flexible installations
• Worldwide approval with CE, UL, WEEE, and EAC
• Secure connection and disconnection with reliable locking clip protection
• Ideal EMC properties, thanks to 360° shielding
• Simultaneous power transmission with PoE++
• Resistant to shock and vibrations, thanks to robust molding
• High-speed data transmission with up to 1 Gbps (CAT5)




Similar Part No. - 1408967

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
140896-2 TEC-140896-2 Datasheet
5Mb / 12P
PIDG TERMINALS & SPLICES
09/17
logo
PHOENIX CONTACT
1408961 PHOENIX-1408961 Datasheet
395Kb / 10P
NBC-R4RC/1,0-94B/R4RC - Network cable
1408962 PHOENIX-1408962 Datasheet
395Kb / 10P
NBC-R4RC/2,0-94B/R4RC - Network cable
1408963 PHOENIX-1408963 Datasheet
395Kb / 10P
NBC-R4RC/10,0-94B/R4RC - Network cable
1408964 PHOENIX-1408964 Datasheet
395Kb / 10P
NBC-R4QC/5,0-94B/R4QC - Network cable
More results


Similar Description - 1408967

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1407462 PHOENIX-1407462 Datasheet
706Kb / 18P
NBC-FS/10,0-94B/R4QC SCO - Network cable
1407482 PHOENIX-1407482 Datasheet
1Mb / 28P
NBC-M12MSX/10,0-94F/R4QC - Network cable
1407523 PHOENIX-1407523 Datasheet
698Kb / 18P
NBC-M12MSD/10,0-93B/R4QC - Network cable
1408949 PHOENIX-1408949 Datasheet
385Kb / 10P
NBC-R4QC/10,0-93E/R4QC - Network cable
1408964 PHOENIX-1408964 Datasheet
395Kb / 10P
NBC-R4QC/5,0-94B/R4QC - Network cable
1408965 PHOENIX-1408965 Datasheet
395Kb / 10P
NBC-R4QC/1,0-94B/R4QC - Network cable
1408980 PHOENIX-1408980 Datasheet
381Kb / 10P
NBC-R4QC/10,0-93B/R4QC - Network cable
1407552 PHOENIX-1407552 Datasheet
698Kb / 18P
NBC-M12FSD/10,0-93B/R4QC - Network cable
1408966 PHOENIX-1408966 Datasheet
397Kb / 11P
NBC-R4QC/2,0-94B/R4QC - Network cable
1407433 PHOENIX-1407433 Datasheet
709Kb / 19P
NBC-MS/10,0-94B/R4QC SCO - Network cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com