Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1410473 Datasheet (PDF) - PHOENIX CONTACT

1410473 Datasheet PDF - PHOENIX CONTACT
Part # 1410473
Download  1410473 Download
File Size   434.06 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-5P-M12MS/10,0-92X SH OD - Bus system cable

1410473 Datasheet (PDF)

Go To PDF Page Download Datasheet
1410473 Datasheet PDF - PHOENIX CONTACT

Part # 1410473
Download  1410473 Click to download

File Size   434.06 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-5P-M12MS/10,0-92X SH OD - Bus system cable

1410473 Datasheet (HTML) - PHOENIX CONTACT


1410473 Product details

Bus system cable, CANopen®, DeviceNet™, 5-position halogen-free, shielded, Plug straight
M12, coding: A, on free cable end, cable length: 10 m, for outdoor applications, with high-grade
steel knurl

Your advantages
• Easy and safe: 100% electrically tested plug-in components
• Robust throughout: resistant to oil, UV, and ozone, withstands temperatures from -40°C … +105°C
• Reliable signal transmission – 360° shielding in environments with electromagnetic interference




Similar Part No. - 1410473

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1410470 PHOENIX-1410470 Datasheet
1Mb / 13P
SAC-5P-M12MS/5,0-92X/M12FSSHOD - Bus system cable
1410471 PHOENIX-1410471 Datasheet
409Kb / 11P
SAC-5P-M12MS/ 2,0-92X SH OD - Bus system cable
1410472 PHOENIX-1410472 Datasheet
434Kb / 12P
SAC-5P-M12MS/ 5,0-92X SH OD - Bus system cable
1410474 PHOENIX-1410474 Datasheet
1Mb / 11P
SAC-5P- 2,0-92X/M12FS SH OD - Bus system cable
logo
C&D Technologies
1410478 CANDD-1410478 Datasheet
91Kb / 2P
Bobbin Type Inductors
More results


Similar Description - 1410473

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1425147 PHOENIX-1425147 Datasheet
152Kb / 9P
Bus system cable - SAC-5P-M12MS/1,5-92X/M12FSSHOD
09/12/2020
1425149 PHOENIX-1425149 Datasheet
152Kb / 9P
Bus system cable - SAC-5P-M12MS/4,3-92X/M12FSSHOD
09/12/2020
1410467 PHOENIX-1410467 Datasheet
1Mb / 13P
SAC-5P-M12MS/2,0-92X/M12FSSHOD - Bus system cable
1410470 PHOENIX-1410470 Datasheet
1Mb / 13P
SAC-5P-M12MS/5,0-92X/M12FSSHOD - Bus system cable
1410471 PHOENIX-1410471 Datasheet
409Kb / 11P
SAC-5P-M12MS/ 2,0-92X SH OD - Bus system cable
1410474 PHOENIX-1410474 Datasheet
1Mb / 11P
SAC-5P- 2,0-92X/M12FS SH OD - Bus system cable
1410494 PHOENIX-1410494 Datasheet
1Mb / 12P
SAC-5P- 5,0-92X/M12FS SH OD - Bus system cable
1410496 PHOENIX-1410496 Datasheet
1Mb / 12P
SAC-5P-10,0-92X/M12FS SH OD - Bus system cable
1410472 PHOENIX-1410472 Datasheet
434Kb / 12P
SAC-5P-M12MS/ 5,0-92X SH OD - Bus system cable
1507447 PHOENIX-1507447 Datasheet
764Kb / 20P
SAC-5P-M12MS/10,0-920 - Bus system cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com