Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1411582 Datasheet (PDF) - PHOENIX CONTACT

1411582 Datasheet PDF - PHOENIX CONTACT
Part # 1411582
Download  1411582 Download
File Size   430.67 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-E-M12MS-12P-M16XL/0,5 - Device connector front mounting

1411582 Datasheet (PDF)

Go To PDF Page Download Datasheet
1411582 Datasheet PDF - PHOENIX CONTACT

Part # 1411582
Download  1411582 Click to download

File Size   430.67 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-E-M12MS-12P-M16XL/0,5 - Device connector front mounting

1411582 Datasheet (HTML) - PHOENIX CONTACT


1411582 Product details

Device connector front mounting, Universal, 12-position, Flush-type male connector, straight,
M12-Standard, coding: A , on free cable end, Front mounting, M16 x 1.5, Individual wires, cable
length: 0.5 m, 0.14 mm2, TPE litz wire, Alternative product in accordance with RoHS II without
Exemption 6c (Pb <0.1%) item no.: 1238881

Your advantages
• Easy-to-install, optimized XL housing contour with wrench size 19
• Mechanical tightening limitation for long-term-stable gasket
• Pre-assembled with litz wires for immediate use
• Customer-specific assemblies and litz wire lengths available
• Sealed on the litz wire side for optimum leak-tightness
• All standard pin assignments and codings for signal, data, and power transmission with a uniform design-in design
• For high transmission safety: shield connection to the housing with optional EMC nut




Similar Part No. - 1411582

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
141158-1 MACOM-141158-1 Datasheet
34Kb / 1P
FASTON TABS 45. 250series
logo
PHOENIX CONTACT
1411580 PHOENIX-1411580 Datasheet
534Kb / 13P
SACC-E-M12MSB-5P-M16XL/0,5 - Device connector front mounting
1411581 PHOENIX-1411581 Datasheet
414Kb / 11P
SACC-E-M12MS-8P-M16XL/0,5 - Device connector front mounting
1411583 PHOENIX-1411583 Datasheet
370Kb / 10P
SACC-E-M12MS-17P-M16XL/0,5 - Device connector front mounting
1411584 PHOENIX-1411584 Datasheet
511Kb / 12P
SACC-DSI-M12FS-4P-M16XL/0,5 - Device connector, rear mounting
More results


Similar Description - 1411582

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1411568 PHOENIX-1411568 Datasheet
504Kb / 12P
SACC-E-M12FS-4P-M16XL/0,5 - Device connector front mounting
1411573 PHOENIX-1411573 Datasheet
413Kb / 11P
SACC-E-M12FS-8P-M16XL/0,5 - Device connector front mounting
1411574 PHOENIX-1411574 Datasheet
426Kb / 11P
SACC-E-M12FS-12P-M16XL/0,5 - Device connector front mounting
1411596 PHOENIX-1411596 Datasheet
361Kb / 9P
SACC-DSI-M12MS-12P-M16XL/0,5 - Device connector, rear mounting
1411608 PHOENIX-1411608 Datasheet
361Kb / 10P
SACC-E-M12MST-4P-M16XL/0,5 - Device connector front mounting
1411569 PHOENIX-1411569 Datasheet
498Kb / 12P
SACC-E-M12FSD-4P-M16XL/0,5 - Device connector front mounting
1411571 PHOENIX-1411571 Datasheet
1Mb / 12P
SACC-E-M12FS-5P-M16XL/0,5 - Device connector front mounting
1411577 PHOENIX-1411577 Datasheet
533Kb / 12P
SACC-E-M12MS-4P-M16XL/0,5 - Device connector front mounting
1411581 PHOENIX-1411581 Datasheet
414Kb / 11P
SACC-E-M12MS-8P-M16XL/0,5 - Device connector front mounting
1411580 PHOENIX-1411580 Datasheet
534Kb / 13P
SACC-E-M12MSB-5P-M16XL/0,5 - Device connector front mounting
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com