Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7366-5ARUZ Datasheet (PDF) - Analog Devices

AD7366-5ARUZ Datasheet PDF - Analog Devices
Part # AD7366-5ARUZ
Download  AD7366-5ARUZ Download
File Size   204.69 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description True Bipolar Input, Dual 1us, 12-Bit, 2-Channel SAR ADC

AD7366-5ARUZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7366-5ARUZ Datasheet PDF - Analog Devices

Part # AD7366-5ARUZ
Download  AD7366-5ARUZ Click to download

File Size   204.69 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description True Bipolar Input, Dual 1us, 12-Bit, 2-Channel SAR ADC

AD7366-5ARUZ Datasheet (HTML) - Analog Devices


AD7366-5ARUZ Product details

GENERAL DESCRIPTION
The AD73661 is a dual, 12-bit, high speed, low power, successive approximation ADC that features throughput rates up to 1 MSPS. The device contains two ADCs, each preceded by a 2- channel multiplexer, and a low noise, wide bandwidth track and-hold amplifier that can handle input frequencies in excess of 10 MHz.
The AD7366 is fabricated on Analog Devices’ Industrial CMOS process, iCMOS, a technology platform combining the advantages of low and high voltage CMOS, bipolar and high voltage DMOS processes. The process allows the AD7366 to accept high voltage bipolar signals in addition to reducing power consumption and package size. The AD7366 can accept true bipolar analog input signals in the ±10 V range, ±5 V range and 0 to 10 V range.
The AD7366 has an on-chip 2.5 V reference that can be overdriven if an external reference is preferred. The AD7366 is available in a 24-lead TSSOP package.

FEATURES
   Dual 12-bit, 2-channel ADC
   True Bipolar Analog Inputs
   Programmable Input Ranges
   ±10, ±5, 0 to 10 V
   Throughput rate: 1 MSPS
   Simultaneous conversion with read in less than 1μs
   Specified for VCC of 5 V±5%
   Low current consumption: 5.65 mA max
   Wide input bandwidth
   70 dB SNR at 50 kHz input frequency
   On-chip reference: 2.5 V
   –40°C to +85°C operation
   High speed serial interface
      SPI®/QSPI™/MICROWIRE™/DSP compatible
   iCMOSTM Process Technology
   24-lead TSSOP package
   For 14 bit version see AD7367




Similar Part No. - AD7366-5ARUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7366-5 AD-AD7366-5 Datasheet
624Kb / 28P
True Bipolar Input, Dual 1 關s, 12-/14-Bit, 2-Channel SAR ADCs
5/07-Revision 0
AD7366-5 AD-AD7366-5_15 Datasheet
651Kb / 29P
True Bipolar Input, 12-/14-Bit, 2-Channel, Simultaneous Sampling SAR ADCs
REV. B
More results


Similar Description - AD7366-5ARUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7266 AD-AD7266 Datasheet
752Kb / 17P
Differential Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
logo
ATMEL Corporation
AD7322 ATMEL-AD7322 Datasheet
901Kb / 18P
Software Selectable True Bipolar Input, 2-Channel, 12-Bit Plus Sign ADC
logo
Analog Devices
AD7367 AD-AD7367 Datasheet
209Kb / 16P
True Bipolar Input, Dual 1us, 14-Bit, 2-Channel SAR ADC
AD7366 AD-AD7366_07 Datasheet
624Kb / 28P
True Bipolar Input, Dual 1 關s, 12-/14-Bit, 2-Channel SAR ADCs
5/07-Revision 0
AD7321 AD-AD7321_15 Datasheet
886Kb / 37P
500 kSPS, 2-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. B
AD7366 AD-AD7366_15 Datasheet
682Kb / 29P
True Bipolar Input, Dual 12-Bit/14-Bit, 2-Channel, Simultaneous Sampling SAR ADC
REV. D
AD7366-5 AD-AD7366-5_15 Datasheet
651Kb / 29P
True Bipolar Input, 12-/14-Bit, 2-Channel, Simultaneous Sampling SAR ADCs
REV. B
AD7367 AD-AD7367_15 Datasheet
682Kb / 29P
True Bipolar Input, Dual 12-Bit/14-Bit, 2-Channel, Simultaneous Sampling SAR ADC
REV. D
AD7367-5 AD-AD7367-5_15 Datasheet
651Kb / 29P
True Bipolar Input, 12-/14-Bit, 2-Channel, Simultaneous Sampling SAR ADCs
REV. B
AD7321 AD-AD7321_17 Datasheet
697Kb / 37P
2-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com