| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NTD4810NH
|
89Kb / 8P |
Power MOSFET 30 V, 54 A, Single N?묬hannel, DPAK/IPAK
December, 2006 ??Rev. 0 |
|
NTD4809NH
|
81Kb / 8P |
Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
March, 2007 Rev. 3 |
|
NTD4959N
|
151Kb / 8P |
Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
June, 2010 ??Rev. 1 |
|
NTD4959NH
|
152Kb / 8P |
Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
May, 2009 ??Rev. 0 |
|
NTD5806N
|
140Kb / 7P |
Power MOSFET 40 V, 33 A, Single N?묬hannel, DPAK/IPAK
February, 2010 ??Rev. 3 |
|
NTD5807N
|
138Kb / 6P |
Power MOSFET 40 V, 23 A, Single N?묬hannel, DPAK/IPAK
February, 2010 ??Rev. 2 |
|
NTD4965N
|
118Kb / 7P |
Power MOSFET 30 V, 68 A, Single N?묬hannel, DPAK/IPAK
April, 2011 ??Rev. 1 |
|
NVD4804NT4G
|
92Kb / 8P |
Power MOSFET 30 V, 117 A, Single N?묬hannel, DPAK/IPAK
May, 2014 ??Rev. 9 |
|
NVD5807NT4G
|
81Kb / 7P |
Power MOSFET 40 V, 23 A, Single N?묬hannel, DPAK/IPAK
June, 2014 ??Rev. 5 |
|
NTD4806N
|
119Kb / 8P |
Power MOSFET 30 V, 76 A, Single N?묬hannel, DPAK/IPAK
June, 2014 ??Rev. 10 |