Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82S137 Datasheet (PDF) - NXP Semiconductors

82S137 Datasheet PDF - NXP Semiconductors
Part # 82S137
Download  82S137 Download
File Size   312.1 Kbytes
Page   3 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 4K-bit TTL bipolar PROM

82S137 Datasheet (PDF)

Go To PDF Page Download Datasheet
82S137 Datasheet PDF - NXP Semiconductors

Part # 82S137
Download  82S137 Click to download

File Size   312.1 Kbytes
Page   3 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 4K-bit TTL bipolar PROM

82S137 Datasheet (HTML) - NXP Semiconductors


82S137 Product details

Features
Address access time: 60ns max
Power dissipation: 0.13mW/bit typ
Input loading: -100hA max
On-chip address decoding
No separate fusing pins
Unprogrammed outputs are Low level
Fully TTL compatible
Two Chip Enable inputs
Outputs: 3-State

APPLICATIONS
Sequential controllers
Control store
Random logic
Code conversion




Similar Part No. - 82S137

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
82S130 ETC-82S130 Datasheet
131Kb / 3P
2K-bit TTL bipolar PROM
82S131 ETC-82S131 Datasheet
131Kb / 3P
2K-bit TTL bipolar PROM
More results


Similar Description - 82S137

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
82S23 PHILIPS-82S23 Datasheet
42Kb / 3P
256-bit TTL bipolar PROM 32 x 8
November 11. 1986
82S23 PHILIPS-82S23 Datasheet
131Kb / 3P
256-bit TTL bipolar PROM 32 x 8
November 11. 1986
82S126 PHILIPS-82S126 Datasheet
135Kb / 3P
1K BIT TTL BIPOLAR PROM
November 11 1986
logo
List of Unclassifed Man...
82S130 ETC-82S130 Datasheet
131Kb / 3P
2K-bit TTL bipolar PROM
logo
NXP Semiconductors
N82S131 PHILIPS-N82S131 Datasheet
134Kb / 3P
2K-bit TTL bipolar PROM
March 14 1989
82S147 PHILIPS-82S147 Datasheet
132Kb / 3P
4K-BIT TTL BIPLOAR PROM
November 11 1986
logo
National Semiconductor ...
DM74S288 NSC-DM74S288 Datasheet
111Kb / 4P
256-BIT TTL PROM
DM54S288 NSC-DM54S288 Datasheet
132Kb / 4P
256 - BIT TTL PROM
logo
NXP Semiconductors
82LHS191 PHILIPS-82LHS191 Datasheet
151Kb / 3P
16K-BIT TTL BIPOLAR PROM
November 10 1988
82S191 PHILIPS-82S191 Datasheet
53Kb / 3P
16K-bit TTL bipolar PROM (2048 x 8)
March 14, 1989
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com