Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5B38-02 Datasheet (PDF) - Analog Devices

5B38-02 Datasheet PDF - Analog Devices
Part # 5B38-02
Download  5B38-02 Download
File Size   699.62 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Isolated, Wide-Bandwidth Strain Gage Input

5B38-02 Datasheet (PDF)

Go To PDF Page Download Datasheet
5B38-02 Datasheet PDF - Analog Devices

Part # 5B38-02
Download  5B38-02 Click to download

File Size   699.62 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Isolated, Wide-Bandwidth Strain Gage Input

5B38-02 Datasheet (HTML) - Analog Devices


5B38-02 Product details

PRODUCT OVERVIEW
The 5B Series represents an innovative generation of low cost, high performance plug-in signal conditioners. Designed for industrial applications, these modules incorporate highly reliable transformer-based isolation and automated surfacemount manufacturing technology. They are compact, economical components whose performance exceeds that available from more expensive devices. Combining 1500 V rms continuous isolation, +0.05% calibrated accuracy, small size and low cost, the 5B Series is an attractive alternative to expensive signal conditioners and in-house designs

FEATURES
    Wide-bandwidth Single-Channel Signal Conditioning
        Interfaces, Amplifies, and Filters signals from full-bridge and
        half-bridge strain-gage transduces between 300Ω and 10kΩ.
    Isolated Precision Output of -5V to +5V.
    10 kHz bandwidth of the 5B38 ideally suits to measure
        signals that vary rapidly with time.
    Module circuitry can withstand 240v rms at the input screw terminals.
    All 5B38 series modules are mix-and-match and Hot Swappable.

APPLICATIONS
    Industrial signal conditioning
    Industrial signal isolation
    Industrial signal filtering




Similar Part No. - 5B38-02

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5B38 AD-5B38_15 Datasheet
706Kb / 8P
Isolated, Wide-Bandwidth Strain Gage Input
REV. 0
More results


Similar Description - 5B38-02

ManufacturerPart #DatasheetDescription
logo
Analog Devices
1B31 AD-1B31 Datasheet
609Kb / 8P
Wide Bandwidth Strain Gage Signal Conditioner
3B16-CUSTOM AD-3B16-CUSTOM Datasheet
350Kb / 8P
Narrow Bandwidth Strain Gage Input
3B18-00 AD-3B18-00 Datasheet
335Kb / 8P
Wide Bandwidth Strain Gage Input
3B20 AD-3B20 Datasheet
357Kb / 8P
AC Strain Gage, Torque Transducer Input
logo
National Instruments Co...
NISCXI-1520 NI-NISCXI-1520 Datasheet
320Kb / 9P
SCXI Universal Strain Gage Input
logo
Analog Devices
1B31 AD-1B31_15 Datasheet
616Kb / 8P
WIDE BANDWIDTH STRAIN GAGE SIGNAL CONDITIONER
3B16 AD-3B16_15 Datasheet
358Kb / 8P
Narrow Bandwidth Strain Gage Input
REV. 0
3B18 AD-3B18_15 Datasheet
340Kb / 8P
Wide Bandwidth Strain Gage Input
REV. 0
3B20 AD-3B20_15 Datasheet
358Kb / 8P
AC Strain Gage, Torque Transducer Input
REV. 0
5B38 AD-5B38_15 Datasheet
706Kb / 8P
Isolated, Wide-Bandwidth Strain Gage Input
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com