Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LV595 Datasheet (PDF) - Nexperia B.V. All rights reserved

74LV595 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74LV595
Download  74LV595 Download
File Size   279.29 Kbytes
Page   17 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 8-bit serial-in/serial-out or parallel-out shift register; 3-state

74LV595 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LV595 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74LV595
Download  74LV595 Click to download

File Size   279.29 Kbytes
Page   17 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 8-bit serial-in/serial-out or parallel-out shift register; 3-state

74LV595 Datasheet (HTML) - Nexperia B.V. All rights reserved


74LV595 Product details

1. General description
The 74LV595 is an 8-bit serial-in/serial or parallel-out shift register with a storage register and
3-state outputs. Both the shift and storage register have separate clocks. The device features a
serial input (DS) and a serial output (Q7S) to enable cascading and an asynchronous reset MR
input. A LOW on MR will reset the shift register. Data is shifted on the LOW-to-HIGH transitions
of the SHCP input. The data in the shift register is transferred to the storage register on a
LOW-to-HIGH transition of the STCP input. If both clocks are connected together, the shift register
will always be one clock pulse ahead of the storage register. Data in the storage register appears
at the output whenever the output enable input (OE) is LOW. A HIGH on OE causes the outputs
to assume a high-impedance OFF-state. Operation of the OE input does not affect the state of the
registers. Inputs include clamp diodes. This enables the use of current limiting resistors to interface
inputs to voltages in excess VCC.
2. Features and benefits
• Wide supply voltage range from 1.0 V to 3.6 V
• CMOS low power dissipation
• Direct interface with TTL levels
• Typical output ground bounce < 0.8 V at VCC = 3.3 V and Tamb = 25 °C
• Typical HIGH-level output voltage (VOH) undershoot: > 2 V at VCC = 3.3 V and Tamb = 25 °C
• Has a shift register with direct clear
• Output capability:
• Parallel outputs; bus driver
• Serial output; standard
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Complies with JEDEC standards
• JESD8-7 (1.65 V to 1.95 V)
• JESD8-5 (2.3 V to 2.7 V)
• JESD8C (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114E exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Multiple package options
• Specified from -40 °C to 85 °C and -40 °C to 125 °C
3. Applications
• Serial-to-parallel data conversion
• Remote control holding register




Similar Part No. - 74LV595

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV595 PHILIPS-74LV595 Datasheet
137Kb / 16P
8-bit serial-in/serial or parallel-out shift register with output latches 3-State
1998 Apr 20
logo
Texas Instruments
74LV595A TI-74LV595A Datasheet
755Kb / 22P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
logo
NXP Semiconductors
74LV595D PHILIPS-74LV595D Datasheet
137Kb / 16P
8-bit serial-in/serial or parallel-out shift register with output latches 3-State
1998 Apr 20
74LV595DB PHILIPS-74LV595DB Datasheet
137Kb / 16P
8-bit serial-in/serial or parallel-out shift register with output latches 3-State
1998 Apr 20
74LV595N PHILIPS-74LV595N Datasheet
137Kb / 16P
8-bit serial-in/serial or parallel-out shift register with output latches 3-State
1998 Apr 20
More results


Similar Description - 74LV595

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F674 PHILIPS-74F674 Datasheet
49Kb / 5P
16-bit serial/parallel-in, serial-out shift register 3-State
1989 Feb 05 1 853
74F676 PHILIPS-74F676 Datasheet
87Kb / 10P
16-bit serial/parallel-in, serial-out shift register 3-State
1989 Apr 18
74LVC595A NXP-74LVC595A Datasheet
119Kb / 19P
8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 01-29 May 2007
74LV595 PHILIPS-74LV595_15 Datasheet
129Kb / 20P
8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 03-21 April 2009
74VHC_VHCT595 PHILIPS-74VHC_VHCT595_15 Datasheet
246Kb / 22P
8-bit serial-in/serial-out or parallel-out shift register with output latches
Rev. 2-4 July 2012
logo
Nexperia B.V. All right...
74LVC8T595 NEXPERIA-74LVC8T595 Datasheet
348Kb / 33P
Dual supply 8-bit serial-in/serial-out or parallel-out shift register; 3-state
74VHC595-Q100 NEXPERIA-74VHC595-Q100 Datasheet
786Kb / 21P
8-bit serial-in/serial-out or parallel-out shift register with output latches
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Nexperia B.V. All right...
74LVC595A NEXPERIA-74LVC595A Datasheet
299Kb / 18P
8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 3 - 19 November 2021
74VHCT595 NEXPERIA-74VHCT595 Datasheet
302Kb / 20P
8-bit serial-in/serial-out or parallel-out shift register with output latches
Rev. 3 - 25 June 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com