Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KWC3L5L1.TE Datasheet (PDF) - ams AG

KWC3L5L1.TE Datasheet PDF - ams AG
Part # KWC3L5L1.TE
Download  KWC3L5L1.TE Download
File Size   1305.93 Kbytes
Page   23 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description The OSLON Submount CL is able to meet a wide range of requirements in terms of output and adaptability to ambient conditions.

KWC3L5L1.TE Datasheet (PDF)

Go To PDF Page Download Datasheet
KWC3L5L1.TE Datasheet PDF - ams AG

Part # KWC3L5L1.TE
Download  KWC3L5L1.TE Click to download

File Size   1305.93 Kbytes
Page   23 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description The OSLON Submount CL is able to meet a wide range of requirements in terms of output and adaptability to ambient conditions.

KWC3L5L1.TE Datasheet (HTML) - ams AG


KWC3L5L1.TE Product details

Features:
Package: compact lightsource in multi chip on board technology
Chip technology: UX:3
Typ. Radiation: 120° (Lambertian emitter)
Color: Cx = 0.32, Cy = 0.33 acc. to CIE 1931 (● white)
Corrosion Robustness Class: 3A
Qualifications: The product qualification test plan is based on the guidelines of AEC-Q101-REV-C,
Stress Test Qualification for Automotive Grade Discrete Semiconductors.
ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)





Similar Part No. - KWC3L5L1.TE

ManufacturerPart #DatasheetDescription
logo
ams AG
KWC3L5L2.TK AMSCO-KWC3L5L2.TK Datasheet
1Mb / 25P
The OSLON Submount PL is able to meet a wide range of requirements in terms of output and adaptability to ambient conditions.
Version 1.2 2021-09-01
logo
OSRAM GmbH
KWC3L5L2.TK OSRAM-KWC3L5L2.TK Datasheet
2Mb / 26P
The OSLON Submount PL is able to meet a wide range of requirements in terms of output and adaptability to ambient conditions.
Version 1.3 2024-02-08
logo
ams AG
KWC3L5L2.TK-T3T9-4L07M0 AMSCO-KWC3L5L2.TK-T3T9-4L07M0 Datasheet
1Mb / 25P
The OSLON Submount PL is able to meet a wide range of requirements in terms of output and adaptability to ambient conditions.
Version 1.2 2021-09-01
logo
OSRAM GmbH
KWC3L5L2.TK-T3T9-4L07M0 OSRAM-KWC3L5L2.TK-T3T9-4L07M0 Datasheet
2Mb / 26P
The OSLON Submount PL is able to meet a wide range of requirements in terms of output and adaptability to ambient conditions.
Version 1.3 2024-02-08
More results


Similar Description - KWC3L5L1.TE

ManufacturerPart #DatasheetDescription
logo
Power-One
BLP55-1005 POWER-ONE-BLP55-1005 Datasheet
108Kb / 5P
three-output ac-dc power conversion to meet the requirements of networking and data communications systems,
logo
JMK Inc.
ZL-1906-15 JMK-ZL-1906-15 Datasheet
36Kb / 1P
The ZL-1906-15 is a 3ph, Y, filter developed to meet the requirements of MIL-STD-461E.
logo
KODENSHI_AUK CORP.
PIC96601 KODENSHI-PIC96601 Datasheet
151Kb / 3P
The analog output current is proportional to the quantity of ambient light
logo
Ohmite Mfg. Co.
RES-TAP800 OHMITE-RES-TAP800 Datasheet
379Kb / 2P
Materials meet the requirements of UL94-V0
logo
OSRAM GmbH
KWC2L5L1.TE OSRAM-KWC2L5L1.TE Datasheet
980Kb / 21P
OSLON Submount CL
logo
Maxim Integrated Produc...
MAX14919EVKIT MAXIM-MAX14919EVKIT Datasheet
989Kb / 12P
Robust Operation with a Wide Range of Input Voltages and Load Conditions
Rev 0; 11/20
MAX14919AEVKIT MAXIM-MAX14919AEVKIT Datasheet
823Kb / 12P
Robust Operation with a Wide Range of Input Voltages and Load Conditions
Rev 0; 7/21
logo
ams AG
KWC2L5L2.TK AMSCO-KWC2L5L2.TK Datasheet
1Mb / 25P
The OSLON Submount PL is able to meet a wide range of requirements in terms of output and adaptability to ambient conditions.
Version 1.1 2021-09-01
KWC2L5L1.TE AMSCO-KWC2L5L1.TE Datasheet
1Mb / 23P
The OSLON Submount CL is able to meet a wide range of requirements in terms of output and adaptability to ambient conditions.
Version 1.6 2021-07-26
KWC3L5L2.TK AMSCO-KWC3L5L2.TK Datasheet
1Mb / 25P
The OSLON Submount PL is able to meet a wide range of requirements in terms of output and adaptability to ambient conditions.
Version 1.2 2021-09-01
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com