Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC6308P Datasheet (PDF) - TECH PUBLIC Electronics co LTD

FDC6308P Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # FDC6308P
Download  FDC6308P Download
File Size   2108.23 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Dual P-Channel 20V (D-S) MOSFET

FDC6308P Datasheet (PDF)

Go To PDF Page Download Datasheet
FDC6308P Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # FDC6308P
Download  FDC6308P Click to download

File Size   2108.23 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Dual P-Channel 20V (D-S) MOSFET

FDC6308P Datasheet (HTML) - TECH PUBLIC Electronics co LTD


FDC6308P Product details

Features
Vps =-20V,Ip =-3A
Rosion) =120m Q @ Ves=-2.5V (Typ)
Rosion) =85m Q @ Ves=-4.5V (Typ)
High Power and current handing capability
Lead free product is acquired
Surface Mount Package




Similar Part No. - FDC6308P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC6308P FAIRCHILD-FDC6308P Datasheet
325Kb / 8P
Dual P-Channel 2.5V Specified PowerTrench??MOSFET
More results


Similar Description - FDC6308P

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
IRF7324TRPBF VBSEMI-IRF7324TRPBF Datasheet
2Mb / 8P
Dual P-Channel 20V (D-S) MOSFET
AO4821 VBSEMI-AO4821 Datasheet
2Mb / 8P
Dual P-Channel 20V (D-S) MOSFET
NCE4963 VBSEMI-NCE4963 Datasheet
1Mb / 8P
Dual P-Channel 20V (D-S) MOSFET
SI4943CDY-T1-E3 VBSEMI-SI4943CDY-T1-E3 Datasheet
1Mb / 8P
Dual P-Channel 20V (D-S) MOSFET
SI4963BDY-T1-E3 VBSEMI-SI4963BDY-T1-E3 Datasheet
1Mb / 8P
Dual P-Channel 20V (D-S) MOSFET
SI9934DY-T1-E3 VBSEMI-SI9934DY-T1-E3 Datasheet
1Mb / 8P
Dual P-Channel 20V (D-S) MOSFET
TPC8305 VBSEMI-TPC8305 Datasheet
1Mb / 8P
Dual P-Channel 20V (D-S) MOSFET
VBA4216 VBSEMI-VBA4216_V01 Datasheet
621Kb / 8P
Dual P-Channel 20V (D-S) MOSFET
logo
TECH PUBLIC Electronics...
FDC6306P TECHPUBLIC-FDC6306P Datasheet
2Mb / 4P
Dual P-Channel 20V (D-S) MOSFET
TPM20PB3S6 TECHPUBLIC-TPM20PB3S6 Datasheet
2Mb / 4P
Dual P-Channel 20V (D-S) MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com