Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LV1T04 Datasheet (PDF) - Nexperia B.V. All rights reserved

74LV1T04 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74LV1T04
Download  74LV1T04 Download
File Size   227.97 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Single supply translating inverter

74LV1T04 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LV1T04 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74LV1T04
Download  74LV1T04 Click to download

File Size   227.97 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Single supply translating inverter

74LV1T04 Datasheet (HTML) - Nexperia B.V. All rights reserved


74LV1T04 Product details

1. General description
The 74LV1T04 is a single, level translating inverting buffer. The low threshold inputs support 1.8 V
input logic at VCC = 3.3 V and can be used in 1.8 V to 3.3 V level up translation. In addition, the 5 V
tolerant input pins enable level down translation (3.3 V to 2.5 V output at VCC = 2.5 V). The output
level is referenced to the supply voltage and supports 1.8 V, 2.5 V, 3.3 V and 5.0 V CMOS levels.
The wide VCC range permits the generation of output levels to connect to controllers or processors.
2. Features and benefits
• Single supply voltage translator at 1.8 V, 2.5 V, 3.3 V and 5.0 V
• Up translation
• 1.2 V to 1.8 V at VCC = 1.8 V
• 1.5 V to 2.5 V at VCC = 2.5 V
• 1.8 V to 3.3 V at VCC = 3.3 V
• 3.3 V to 5.0 V at VCC = 5.0 V
• Down translation
• 3.3 V to 1.8 V at VCC = 1.8 V
• 3.3 V to 2.5 V at VCC = 2.5 V
• 5.0 V to 3.3 V at VCC = 3.3 V
• 5 V tolerant inputs
• Latch-up performance exceeds 250 mA per JESD 78 Class II
• ESD protection:
• HBM ANSI/ESDA/JEDEC JS-001 Class 2 exceeds 2 kV
• CDM JESD22-C101 exceeds 1 kV
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C
3. Applications
• Portable applications
• PC and notebooks
• Industrial controller
• Telecom




Similar Part No. - 74LV1T04

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
74LV1T04 TECHPUBLIC-74LV1T04 Datasheet
3Mb / 8P
SINGLE INVERTER GATE CMOS LOGIC LEVEL SHIFTER
logo
Nexperia B.V. All right...
74LV1T04-Q100 NEXPERIA-74LV1T04-Q100 Datasheet
200Kb / 10P
Single supply translating inverter
Rev. 2 - 7 February 2022
logo
TECH PUBLIC Electronics...
74LV1T04GV-TP TECHPUBLIC-74LV1T04GV-TP Datasheet
3Mb / 8P
SINGLE INVERTER GATE CMOS LOGIC LEVEL SHIFTER
logo
Nexperia B.V. All right...
74LV1T04GW-Q100 NEXPERIA-74LV1T04GW-Q100 Datasheet
200Kb / 10P
Single supply translating inverter
Rev. 2 - 7 February 2022
logo
TECH PUBLIC Electronics...
74LV1T04GW-TP TECHPUBLIC-74LV1T04GW-TP Datasheet
3Mb / 8P
SINGLE INVERTER GATE CMOS LOGIC LEVEL SHIFTER
More results


Similar Description - 74LV1T04

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LV1T04-Q100 NEXPERIA-74LV1T04-Q100 Datasheet
200Kb / 10P
Single supply translating inverter
Rev. 2 - 7 February 2022
74LV1T34-Q100 NEXPERIA-74LV1T34-Q100 Datasheet
212Kb / 11P
Single supply translating buffer
Rev. 3 - 10 February 2022
74LV1T125 NEXPERIA-74LV1T125 Datasheet
247Kb / 14P
Single supply translating buffer/line driver; 3-state
Rev. 4 - 16 August 2022
74LV1T126 NEXPERIA-74LV1T126 Datasheet
244Kb / 14P
Single supply translating buffer/line driver; 3-state
Rev. 4 - 23 February 2022
74LV1T34 NEXPERIA-74LV1T34 Datasheet
227Kb / 12P
Single supply translating buffer
Rev. 3 - 10 February 2022
74LV1T86 NEXPERIA-74LV1T86 Datasheet
234Kb / 13P
2-input single supply translating EXCLUSIVE-OR gate
Rev. 4 - 16 August 2022
74LV1T00 NEXPERIA-74LV1T00 Datasheet
232Kb / 13P
2-input single supply translating NAND gate
Rev. 4 - 4 February 2022
74LV1T02 NEXPERIA-74LV1T02 Datasheet
232Kb / 13P
2-input single supply translating NOR gate
Rev. 4 - 15 August 2022
74LV1T08 NEXPERIA-74LV1T08 Datasheet
230Kb / 13P
2-input single supply translating AND gate
Rev. 4 - 23 February 2022
74LV1T32 NEXPERIA-74LV1T32 Datasheet
229Kb / 12P
2-input single supply translating OR gate
Rev. 4 - 23 February 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com