Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK22FN512VMP12 Datasheet (PDF) - NXP Semiconductors

MK22FN512VMP12 Datasheet PDF - NXP Semiconductors
Part # MK22FN512VMP12
Download  MK22FN512VMP12 Download
File Size   1314.97 Kbytes
Page   87 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Kinetis K22F 512KB Flash 120 MHz Arm® Cortex®-M4 Based Microcontroller with FPU

MK22FN512VMP12 Datasheet (PDF)

Go To PDF Page Download Datasheet
MK22FN512VMP12 Datasheet PDF - NXP Semiconductors

Part # MK22FN512VMP12
Download  MK22FN512VMP12 Click to download

File Size   1314.97 Kbytes
Page   87 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Kinetis K22F 512KB Flash 120 MHz Arm® Cortex®-M4 Based Microcontroller with FPU

MK22FN512VMP12 Datasheet (HTML) - NXP Semiconductors


MK22FN512VMP12 Product details

The Kinetis K22 product family members are optimized for costsensitive
applications requiring low-power, USB connectivity, and
processing efficiency and high peripheral integration with a
floating point unit. These devices share the comprehensive
enablement and scalability of the Kinetis family.
This product offers:
• Run power consumption down to 156 μA/MHz and static
power consumption down to 3.8 μA, full state retention and
6 μS wakeup. Lowest static mode down to 140 nA.
• USB LS/FS OTG 2.0 with embedded 3.3 V, 120 mA LDO
voltage regulator. USB FS device crystal-less functionality.




Similar Part No. - MK22FN512VMP12

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MK22FN512VMP12 NXP-MK22FN512VMP12 Datasheet
976Kb / 82P
Kinetis K22F 512KB Flash
Rev. 7.1, 08/2016
More results


Similar Description - MK22FN512VMP12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MK02FN128VLH10 ETC2-MK02FN128VLH10 Datasheet
875Kb / 56P
100 MHz Cortex-M4 Based Microcontroller with FPU
logo
NXP Semiconductors
K22P121M120SF7 NXP-K22P121M120SF7 Datasheet
976Kb / 82P
Kinetis K22F 512KB Flash
Rev. 7.1, 08/2016
KV4XP100M168 NXP-KV4XP100M168 Datasheet
773Kb / 63P
168 MHz ARM Cortex-M4 core based Microcontroller with FPU
Rev. 3, 06/2016
K64F NXP-K64F Datasheet
1Mb / 85P
120 MHz ARM짰 Cortex짰-M4-based Microcontroller with FPU
Rev. 7, 11/2016
logo
Nuvoton Technology Corp...
M0A21 NUVOTON-M0A21_V01 Datasheet
8Mb / 212P
NuMicro® Family Arm® Cortex®-M0-based Microcontroller
Rev 1.02
M031BT NUVOTON-M031BT_V01 Datasheet
6Mb / 203P
NuMicro® Family Arm® Cortex-M0-based Microcontroller
Rev 2.01
M480 NUVOTON-M480_V02 Datasheet
12Mb / 525P
NuMicro® Family Arm® 32-bit Cortex®-M4 Microcontroller
Rev 3.03
logo
NXP Semiconductors
KS22P100M120SF0 NXP-KS22P100M120SF0 Datasheet
1Mb / 118P
KS22/KS20 Microcontroller 120 MHz ARM® Cortex®-M4, with up to 256 KB Flash
Rev. 3.1, 06/2022
logo
STMicroelectronics
STM32WB55XX STMICROELECTRONICS-STM32WB55XX_V01 Datasheet
2Mb / 196P
Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.3 and 802.15.4 radio solution
12-Aug-2022
logo
Analog Devices
MAX32662 AD-MAX32662 Datasheet
1Mb / 80P
Arm Cortex-M4 Processor with FPU-Based Microcontroller (MCU) with 256KB Flash and 80KB SRAM
Rev 0; 1/23
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com