Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAB530M12BM3 Datasheet (PDF) - WOLFSPEED, INC.

CAB530M12BM3 Datasheet PDF - WOLFSPEED, INC.
Part # CAB530M12BM3
Download  CAB530M12BM3 Download
File Size   1643.92 Kbytes
Page   11 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 1200 V, 530 A All-Silicon Carbide Half-Bridge Module

CAB530M12BM3 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAB530M12BM3 Datasheet PDF - WOLFSPEED, INC.

Part # CAB530M12BM3
Download  CAB530M12BM3 Click to download

File Size   1643.92 Kbytes
Page   11 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 1200 V, 530 A All-Silicon Carbide Half-Bridge Module

CAB530M12BM3 Datasheet (HTML) - WOLFSPEED, INC.


CAB530M12BM3 Product details

Technical Features
• Industry Standard 62mm Footprint
• Ultra Low Loss, High-Frequency Operation
• Zero Turn-off Tail Current from MOSFET
• Normally-off, Fail-safe Device Operation
• Copper Baseplate and Aluminum Nitride Insulator
VDS 1200 V
IDS 530 A
System Benefits
• Lightweight, Compact Form-Factor with 62mm-Format Enables System Retrofit
• Increased System Efficiency due to Low Switching & Conduction Losses of SiC
Applications
• Railway & Traction
• EV Charging Infrastructure
• Industrial Automation & Testing
• High-Frequency Power Supplies
• Renewable Energy Systems & Grid-Tied Inverters
• Active Front Ends & AC Inverters




Similar Part No. - CAB530M12BM3

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CAB500M17HM3 WOLFSPEED-CAB500M17HM3 Datasheet
1Mb / 12P
1700 V, 500 A, Silicon Carbide, Half-Bridge Module
Rev. 01, FEBRUARY 2022
CAB525F12XM3 WOLFSPEED-CAB525F12XM3 Datasheet
2Mb / 13P
1200 V, 2.6 mΩ, Silicon Carbide, Half-Bridge Module
Rev. 3, September 2024
CAB5R0A23GM4 WOLFSPEED-CAB5R0A23GM4 Datasheet
2Mb / 12P
2300 V, 5.0 mΩ, Silicon Carbide, Half-Bridge Module
Rev. 2, Nov 2024
More results


Similar Description - CAB530M12BM3

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CAB400M12XM3 CREE-CAB400M12XM3 Datasheet
801Kb / 9P
1200 V, 400 A All-Silicon Carbide Switching-Loss Optimized, Half-Bridge Module
CAB016M12FM3 CREE-CAB016M12FM3 Datasheet
2Mb / 11P
1200 V, 16 m廓 All-Silicon Carbide Half-Bridge Module
logo
WOLFSPEED, INC.
CAB400M12XM3 WOLFSPEED-CAB400M12XM3 Datasheet
801Kb / 9P
1200 V, 400 A All-Silicon Carbide Switching-Loss Optimized, Half-Bridge Module
Rev. -, 2019-10-31
CAB425M12XM3 WOLFSPEED-CAB425M12XM3 Datasheet
774Kb / 9P
1200 V, 425 A All-Silicon Carbide Switching-Optimized, Half-Bridge Module
Rev. -, 2020-01-28
CAS175M12BM3 WOLFSPEED-CAS175M12BM3 Datasheet
3Mb / 12P
1200 V, 175 A, Silicon Carbide, Half-Bridge Module
Rev. 0, JUNE 2022
CAS300M12BM2 WOLFSPEED-CAS300M12BM2 Datasheet
776Kb / 11P
1200 V, 300 A All-Silicon Carbide High Performance, Switching Optimized, Half-Bridge Module
Rev. 2, 2021-02-08
CAS350M12BM3 WOLFSPEED-CAS350M12BM3 Datasheet
3Mb / 12P
1200 V, 350 A, Silicon Carbide, Half-Bridge Module
Rev. 0, JUNE 2022
CAS530M12BM3 WOLFSPEED-CAS530M12BM3 Datasheet
3Mb / 12P
1200 V, 530 A, Silicon Carbide, Half-Bridge Module
Rev. 0, JUNE 2022
WAS175M12BM3 WOLFSPEED-WAS175M12BM3 Datasheet
3Mb / 12P
1200 V, 175 A, Silicon Carbide, Half-Bridge Module
Rev. 0 JUNE 2022
WAS350M12BM3 WOLFSPEED-WAS350M12BM3 Datasheet
3Mb / 12P
1200 V, 350 A, Silicon Carbide, Half-Bridge Module
Rev. 0 JUNE 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com