Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1424673 Datasheet (PDF) - PHOENIX CONTACT

1424673 Datasheet PDF - PHOENIX CONTACT
Part # 1424673
Download  1424673 Download
File Size   1729.39 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-M12FR-5PL SH DN - Data connector

1424673 Datasheet (PDF)

Go To PDF Page Download Datasheet
1424673 Datasheet PDF - PHOENIX CONTACT

Part # 1424673
Download  1424673 Click to download

File Size   1729.39 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-M12FR-5PL SH DN - Data connector

1424673 Datasheet (HTML) - PHOENIX CONTACT


1424673 Product details

Data connector, CANopen®, DeviceNet™, 5-position, shielded, Socket angled M12, A, Push-lock
spring connection, knurl material: Zinc die-cast, nickel-plated, external cable diameter 4 mm ... 8mm

Your advantages
• Time-saving Push-Lock connection: Tool-free connection and disconnection of conductors by opening the contact levers
• Intuitive connection: Easy assignment of individual litz wires with color-coded and numerical identification of the contact levers
• Integrated Push-in Technology: Wire rigid and pretreated conductors easily by means of simple, direct insertion
• Shock- and vibration-resistant connection: Proven spring-cage technology guarantees secure and reliable contacting
• Safely shielded: Reliable 360° shield connection even under extreme mechanical strain
• Flexible cable outlets with angled connectors




Similar Part No. - 1424673

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1424670 PHOENIX-1424670 Datasheet
624Kb / 18P
SACC-M12MS-5PL SH DN - Data connector
1424671 PHOENIX-1424671 Datasheet
410Kb / 9P
Data connector - SACC-M12MR-5PL SH DN
02/04/2022
1424672 PHOENIX-1424672 Datasheet
156Kb / 11P
Data connector - SACC-M12FS-5PL SH DN
09/11/2020
1424674 PHOENIX-1424674 Datasheet
96Kb / 4P
Conveniently connect stranded conductors, thanks to lever
1424675 PHOENIX-1424675 Datasheet
96Kb / 4P
Conveniently connect stranded conductors, thanks to lever
More results


Similar Description - 1424673

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1549829 PHOENIX-1549829 Datasheet
83Kb / 4P
Bus system connector - SACC-M12FR-5SC SH DN
1012968 PHOENIX-1012968 Datasheet
153Kb / 10P
Data connector - SACC-M12FS-5PL M DN
10/28/2020
1012969 PHOENIX-1012969 Datasheet
156Kb / 10P
Data connector - SACC-M12FR-5PL M DN
10/28/2020
1424671 PHOENIX-1424671 Datasheet
410Kb / 9P
Data connector - SACC-M12MR-5PL SH DN
02/04/2022
1424672 PHOENIX-1424672 Datasheet
156Kb / 11P
Data connector - SACC-M12FS-5PL SH DN
09/11/2020
1424690 PHOENIX-1424690 Datasheet
149Kb / 9P
Connector - SACC-M12FR-5PL
09/11/2020
1072543 PHOENIX-1072543 Datasheet
594Kb / 16P
SACC-M12MS-5PL DN - Data connector
1424670 PHOENIX-1424670 Datasheet
624Kb / 18P
SACC-M12MS-5PL SH DN - Data connector
1012967 PHOENIX-1012967 Datasheet
627Kb / 17P
SACC-M12MR-5PL M DN - Data connector
1072547 PHOENIX-1072547 Datasheet
1Mb / 16P
SACC-M12FR-5PL DN - Data connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com