Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1840625 Datasheet (PDF) - PHOENIX CONTACT

1840625 Datasheet PDF - PHOENIX CONTACT
Part # 1840625
Download  1840625 Download
File Size   539.11 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DFK-PC 4/ 9-GF-7,62 - Feed-through plug

1840625 Datasheet (PDF)

Go To PDF Page Download Datasheet
1840625 Datasheet PDF - PHOENIX CONTACT

Part # 1840625
Download  1840625 Click to download

File Size   539.11 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DFK-PC 4/ 9-GF-7,62 - Feed-through plug

1840625 Datasheet (HTML) - PHOENIX CONTACT


1840625 Product details

Feed-through connector, nominal cross section: 4 mm2, color: green, nominal current: 20 A,
rated voltage (III/2): 630 V, contact surface: Tin, type of contact: Pin, number of potentials: 9,
number of rows: 1, number of positions: 9, number of connections: 9, product range: DFK-PC 4/..
-GF, pitch: 7.62 mm, connection method: Screw connection with tension sleeve, screw head
form: L Slotted, mounting: Direct mounting, conductor/PCB connection direction: 0 °, number of
solder pins per potential: 1, plug-in system: COMBICON PC 4, Pin connector pattern alignment:
Standard, locking: Screw locking, mounting: Threaded flange, type of packaging: packed in
cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Screwable flange for superior mechanical stability
• Flexible side panels enable convenient wall mounting prewired from the inside




Similar Part No. - 1840625

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1840609 PHOENIX-1840609 Datasheet
168Kb / 10P
Feed-through header - DFK-PC 4/ 7-GF-7,62
1840612 PHOENIX-1840612 Datasheet
99Kb / 8P
Base strip - DFK-PC 4/ 8-GF-7,62
1840638 PHOENIX-1840638 Datasheet
99Kb / 8P
Base strip - DFK-PC 4/10-GF-7,62
1840641 PHOENIX-1840641 Datasheet
67Kb / 4P
Base strip - DFK-PC 4/11-GF-7,62
1840654 PHOENIX-1840654 Datasheet
99Kb / 8P
Base strip - DFK-PC 4/12-GF-7,62
More results


Similar Description - 1840625

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1716535 PHOENIX-1716535 Datasheet
196Kb / 11P
Feed-through plug - DFK-PC 5/ 5-ST-7,62
1716616 PHOENIX-1716616 Datasheet
211Kb / 11P
Feed-through plug - DFK-PC 5/ 2-STF-7,62
1716742 PHOENIX-1716742 Datasheet
206Kb / 12P
Feed-through plug - DFK-PC 5/ 4-STF-SH-7,62
1840573 PHOENIX-1840573 Datasheet
154Kb / 5P
DFK-PC 4/ 4-GF-7,62
1840609 PHOENIX-1840609 Datasheet
168Kb / 10P
Feed-through header - DFK-PC 4/ 7-GF-7,62
1716548 PHOENIX-1716548 Datasheet
282Kb / 7P
Feed-through plug - DFK-PC 5/ 6-ST-7,62
1716645 PHOENIX-1716645 Datasheet
280Kb / 8P
Feed-through plug - DFK-PC 5/ 5-STF-7,62
1716687 PHOENIX-1716687 Datasheet
280Kb / 8P
Feed-through plug - DFK-PC 5/ 9-STF-7,62
1716603 PHOENIX-1716603 Datasheet
402Kb / 14P
Feed-through plug - DFK-PC 5/12-ST-7,62
Jan 10, 2023
1861222 PHOENIX-1861222 Datasheet
620Kb / 18P
DFK-PC 4/ 9-G-7,62-FS4,8 - Feed-through header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com