Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1850929 Datasheet (PDF) - PHOENIX CONTACT

1850929 Datasheet PDF - PHOENIX CONTACT
Part # 1850929
Download  1850929 Download
File Size   1244.27 Kbytes
Page   20 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FRONT-MC 1,5/ 9-STF-3,81 - Printed-circuit board connector

1850929 Datasheet (PDF)

Go To PDF Page Download Datasheet
1850929 Datasheet PDF - PHOENIX CONTACT

Part # 1850929
Download  1850929 Click to download

File Size   1244.27 Kbytes
Page   20 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FRONT-MC 1,5/ 9-STF-3,81 - Printed-circuit board connector

1850929 Datasheet (HTML) - PHOENIX CONTACT


1850929 Product details

PCB connector, nominal cross section: 1.5 mm2, color: green, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Tin, type of contact: Socket, number of potentials: 9, number of
rows: 1, number of positions: 9, number of connections: 9, product range: FRONT-MC 1,5/..-
STF, pitch: 3.81 mm, connection method: Front screw connection, screw head form: L Slotted,
conductor/PCB connection direction: 0 °, plug-in system: COMBICON MC 1,5, locking: Screw
locking, mounting: Screw flange, type of packaging: packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Screwable flange for superior mechanical stability
• Optimized for tight installation situations: operation and conductor connection from one direction




Similar Part No. - 1850929

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1850920000 WEIDMULLER-1850920000 Datasheet
438Kb / 5P
SU 10.16HP/06/180SF 3.5AG BK BX
More results


Similar Description - 1850929

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1850851 PHOENIX-1850851 Datasheet
119Kb / 8P
Printed-circuit board connector - FRONT-MC 1,5/ 2-STF-3,81
1850961 PHOENIX-1850961 Datasheet
177Kb / 11P
Printed-circuit board connector - FRONT-MC 1,5/13-STF-3,81
1850990 PHOENIX-1850990 Datasheet
124Kb / 8P
Printed-circuit board connector - FRONT-MC 1,5/16-STF-3,81
1707493 PHOENIX-1707493 Datasheet
112Kb / 8P
Printed-circuit board connector - FRONT-MC 1,5/ 7-STF-3,81 BKAU
1850974 PHOENIX-1850974 Datasheet
121Kb / 8P
Printed-circuit board connector - FRONT-MC 1,5/14-STF-3,81
1851009 PHOENIX-1851009 Datasheet
127Kb / 6P
Printed-circuit board connector - FRONT-MC 1,5/17-STF-3,81
1851012 PHOENIX-1851012 Datasheet
97Kb / 7P
Printed-circuit board connector - FRONT-MC 1,5/18-STF-3,81
1851025 PHOENIX-1851025 Datasheet
84Kb / 5P
Printed-circuit board connector - FRONT-MC 1,5/19-STF-3,81
1850945 PHOENIX-1850945 Datasheet
89Kb / 6P
Printed-circuit board connector - FRONT-MC 1,5/11-STF-3,81
1850903 PHOENIX-1850903 Datasheet
168Kb / 12P
Printed-circuit board connector - FRONT-MC 1,5/ 7-STF-3,81
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com