Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA740A Datasheet (PDF) - Texas Instruments

INA740A Datasheet PDF - Texas Instruments
Part # INA740A
Download  INA740A Download
File Size   1414.2 Kbytes
Page   41 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description INA740x 85 V, 16-Bit, Precision I2C Output Digital Power Monitor with EZShunt™ Technology

INA740A Datasheet (PDF)

Go To PDF Page Download Datasheet
INA740A Datasheet PDF - Texas Instruments

Part # INA740A
Download  INA740A Click to download

File Size   1414.2 Kbytes
Page   41 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description INA740x 85 V, 16-Bit, Precision I2C Output Digital Power Monitor with EZShunt™ Technology

INA740A Datasheet (HTML) - Texas Instruments


INA740A Product details

1 Features
• Low loss integrated shunt resistor
– Internal resistance: 800 μΩ, TA = 25°C
– Continuous current: ±35 A, TA = 25°C
– Peak measurement capability: ±39.32 A
• Wide common-mode range: –0.1 V to +85 V
• High-resolution, 16-bit delta-sigma ADC
• Current monitoring accuracy: A/B Grade,
maximum
– Offset current: ±6.25 mA / ±62.5 mA
– Offset drift: ±25 μA/°C (A and B Grades)
– System gain error: ±0.75% / ±1.25%
– System gain error drift: ±25 PPM/°C, typical
– Common-mode rejection: ±0.125 / ±1.25 mA/V
• Power monitoring accuracy: A/B Grade, maximum
– ±0.85% / ±1.55% at 25°C, full scale
• Energy and charge accuracy: A/B Grade,
maximum
– ±1.35% / ±2.05% at 25°C, full scale
• Input bias current: 2.5 nA (maximum)
• Temperature sensor: ±1.5°C (maximum at 25°C)
• Programmable conversion time and averaging
• 2.94-MHz high-speed I2C interface with 16 pinselectable
addresses
• Operates from a 2.7-V to 5.5-V supply:
– Operational current: 640 μA (typical)
– Shutdown current: 5 μA (maximum)

2 Applications
• Power delivery
• Grid infrastructure
• Industrial battery packs
• Test equipment
• Telecom equipment
• Enterprise servers

3 Description
The INA740x is a digital power monitor with an
integrated current sensing element along with a 16-
bit delta-sigma ADC specifically designed for currentsensing
applications. The device can measure fullscale
currents up to ±39.32 A with common-mode
voltage support from –0.1 V to +85 V.
The INA740x reports current, bus voltage, die
temperature, power, energy and charge accumulation
while employing a precision ±0.5% integrated
oscillator, all while performing the needed calculations
in the background. The integrated temperature sensor
is ±2.5°C accurate over the junction temperature
range.
The low offset and gain drift design of the INA740x
allows the device to be used in precise systems that
do not undergo multi-temperature calibration during
manufacturing.
The device allows for selectable ADC conversion
times from 50 μs to 4.12 ms as well as sample
averaging from 1x to 1024x, which further helps
reduce the noise of the measured data.




Similar Part No. - INA740A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA740A TI1-INA740A Datasheet
2Mb / 50P
INA740x 85 V, 16-Bit, Precision I2C Output Digital Power Monitor with EZShunt™ Technology
DECEMBER 2023
INA740A TI1-INA740A_V01 Datasheet
2Mb / 50P
INA740x 85 V, 16-Bit, Precision I2C Output Digital Power Monitor with EZShunt™ Technology
DECEMBER 2023
More results


Similar Description - INA740A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA237-Q1 TI1-INA237-Q1 Datasheet
804Kb / 33P
INA237-Q1 85-V, 16-Bit, Precision Power Monitor With I2C Interface
INA238 TI-INA238 Datasheet
2Mb / 49P
INA238 85-V, 16-Bit, High-Precision Power Monitor With I2C Interface
INA237 TI-INA237 Datasheet
2Mb / 45P
INA237 85-V, 16-Bit, Precision Power Monitor With I2C Interface
INA700 TI-INA700 Datasheet
1Mb / 43P
INA700 40-V, 16-Bit, I2C Output Digital Power Monitor in WCSP with EZShunt™ Technology
MAY 2023
INA741 TI1-INA741 Datasheet
1Mb / 40P
INA741 85 V, 20-Bit, Ultra-Precise I2C Output Digital Power Monitor with EZShunt™ Technology
JULY 2023
INA745A TI1-INA745A Datasheet
1Mb / 41P
INA745x 40 V, 16-Bit, Precision I2C Output Digital Power Monitor with EZShunt™ Technology
JULY 2023
INA746 TI1-INA746 Datasheet
1Mb / 40P
INA746 40 V, 20-Bit, Ultra-Precise I2C Output Digital Power Monitor with EZShunt™ Technology
JULY 2023
INA780A TI1-INA780A Datasheet
1Mb / 42P
INA780x 85 V, 16-Bit, Precision I2C Output Digital Power Monitor with EZShunt™ Technology
JULY 2023
INA781 TI1-INA781 Datasheet
1Mb / 40P
INA781 85 V, 20-Bit, Ultra-Precise I2C Output Digital Power Monitor with EZShunt™ Technology
JULY 2023
INA700 TI-INA700_V01 Datasheet
2Mb / 50P
INA700 40 V, 16-Bit, I2C Output Digital Power Monitor in WCSP with 2 mΩ EZShunt™ Technology
REVISED SEPTEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com