Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV709A50DBVR Datasheet (PDF) - Texas Instruments

TLV709A50DBVR Datasheet PDF - Texas Instruments
Part # TLV709A50DBVR
Download  TLV709A50DBVR Download
File Size   4592.38 Kbytes
Page   31 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TLV709 150-mA, 30-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator

TLV709A50DBVR Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV709A50DBVR Datasheet PDF - Texas Instruments

Part # TLV709A50DBVR
Download  TLV709A50DBVR Click to download

File Size   4592.38 Kbytes
Page   31 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TLV709 150-mA, 30-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator

TLV709A50DBVR Datasheet (HTML) - Texas Instruments


TLV709A50DBVR Product details

1 Features
• Input voltage range: 2.5 V to 30 V
• Available output voltage options:
– Fixed: 1.2 V to 5 V
– Adjustable: 1.2 V to 28 V
• Output current: Up to 150 mA
• Very-low IQ: 3.2 μA at 150-mA load current
• Stable with output capacitor ≥ 0.47 μF
• Overcurrent protection
• Packages:
– 4-pin SOT-89 (PK) (fixed configuration only)
– 5-pin SOT-23 (DBV) (both fixed and adjustable
configurations)
• Operating junction temperature: –40°C to +125°C

2 Applications
• Home and building automation
• Retail automation and payment
• Grid infrastructure
• Medical applications
• Lighting applications

3 Description
The TLV709 low-dropout (LDO) linear voltage
regulator is a low quiescent current device that
offers the benefits of a wide input voltage range
and low-power operation in miniaturized packaging.
The TLV709 is optimized to power microcontrollers
and other low power loads for battery-powered
applications.
The TLV709 LDO supports a low dropout of typically
600 mV at 100 mA of load current. The low quiescent
current (3.2 μA typically) does not vary across the
entire range of output load current (0 mA to 150 mA).
The TLV709 also features an internal soft-start to
lower the inrush current during start-up. The built-in
overcurrent limit protection helps protect the regulator
in the event of a load short or fault condition.
The TLV709 is available in a 2.90-mm × 1.60-mm,
5-pin SOT-23 (DBV) package for fixed and adjustable
outputs, and in a 4.50-mm × 2.5-mm, 3-pin SOT-89
(PK) package for fixed outputs.




Similar Part No. - TLV709A50DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV709A50DBVR TI-TLV709A50DBVR Datasheet
4Mb / 30P
TLV709 150-mA, 30-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED MAY 2023
TLV709A50DBVR TI1-TLV709A50DBVR Datasheet
4Mb / 31P
TLV709 150-mA, 30-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
JANUARY 2024
TLV709A50DBVR TI2-TLV709A50DBVR Datasheet
4Mb / 35P
TLV709 150mA, 30V, 3.2μA Quiescent Current, Low-Dropout Linear Regulator
REVISED AUGUST 2025
TLV709A50DBVR.A TI2-TLV709A50DBVR.A Datasheet
4Mb / 35P
TLV709 150mA, 30V, 3.2μA Quiescent Current, Low-Dropout Linear Regulator
REVISED AUGUST 2025
More results


Similar Description - TLV709A50DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS715 TI-TPS715_V01 Datasheet
3Mb / 29P
TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED AUGUST 2022
TLV704 TI-TLV704_V02 Datasheet
4Mb / 29P
TLV704 24-V, 150-mA, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
TPS715 TI-TPS715_V02 Datasheet
3Mb / 30P
TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
TLV704 TI-TLV704_V03 Datasheet
3Mb / 29P
TLV704 24-V, 150-mA, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
TLV704 TI-TLV704_V04 Datasheet
3Mb / 29P
TLV704 24-V, 150-mA, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
TLV709 TI-TLV709 Datasheet
4Mb / 25P
TLV709 150-mA, 30-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
FEBRUARY 2023
TLV709 TI-TLV709_V01 Datasheet
4Mb / 28P
TLV709 150-mA, 30-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
FEBRUARY 2023
TLV701 TI-TLV701 Datasheet
4Mb / 29P
TLV701 24-V, 150-mA, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED APRIL 2023
TLV704 TI-TLV704_V05 Datasheet
6Mb / 30P
TLV704 24-V, 150-mA, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED MARCH 2023
TLV709 TI-TLV709_V02 Datasheet
4Mb / 30P
TLV709 150-mA, 30-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED MAY 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com