Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

183107A Datasheet (PDF) - Belden Inc.

183107A Datasheet PDF - Belden Inc.
Part # 183107A
Download  183107A Download
File Size   162.8 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description RS485, 2 Pr #22 Str TC, PE Ins, OSTC Brd, PVC Jkt, CCA Armor, PVC Jkt,PLTC

183107A Datasheet (PDF)

Go To PDF Page Download Datasheet
183107A Datasheet PDF - Belden Inc.

Part # 183107A
Download  183107A Click to download

File Size   162.8 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description RS485, 2 Pr #22 Str TC, PE Ins, OSTC Brd, PVC Jkt, CCA Armor, PVC Jkt,PLTC

183107A Datasheet (HTML) - Belden Inc.


183107A Product details

Product Description
RS-485, 2 Pair 22AWG (7x30) Tinned Copper, PE Insulation, Overall Beldfoil®+Tinned Copper Braid(65%) Shield, PVC Inner Jacket, Continuous Corrugated
Aluminum Armor, PVC Outer Jacket, CM, PLTC




Similar Part No. - 183107A

ManufacturerPart #DatasheetDescription
logo
CML Innovative Technolo...
18310250 CMLINNOVATIVETECHNOLOGIES-18310250 Datasheet
114Kb / 1P
10mm Bayonet MultiLED
20 Jan 15
18310251 CMLINNOVATIVETECHNOLOGIES-18310251 Datasheet
114Kb / 1P
10mm Bayonet MultiLED
20 Jan 15
18310252 CMLINNOVATIVETECHNOLOGIES-18310252 Datasheet
114Kb / 1P
10mm Bayonet MultiLED
20 Jan 15
1831025X CMLINNOVATIVETECHNOLOGIES-1831025X Datasheet
114Kb / 1P
10mm Bayonet MultiLED
20 Jan 15
logo
Chicago Miniature Lamp,...
18310350 CML-18310350 Datasheet
264Kb / 1P
MultiLEDs T31/4 (10x28mm) BA9s 8-Chip-LED
More results


Similar Description - 183107A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
3107A BELDEN-3107A Datasheet
251Kb / 3P
RS485, 2 Pr #22 Str TC, PO Ins, OSTC Brd, PVC Jkt, CM
123107A BELDEN-123107A Datasheet
252Kb / 3P
RS485, 2 Pr #22 Str TC, PO Ins, OSTC Brd, PVC Jkt, AIA Armor, PVC Jkt, CM
129841 BELDEN-129841 Datasheet
179Kb / 2P
RS485, 1 Pr #24 Str TC, PE Ins, OSTC Brd, PVC Jkt, AIA Armor, PVC Jkt,CM
05-05-2023
159842 BELDEN-159842 Datasheet
199Kb / 2P
RS485, 2 Pr #24 Str TC, PE Ins, OSTC Brd, PVC Jkt, CST Armor, PVC Jkt,CM
05-05-2023
129842 BELDEN-129842 Datasheet
190Kb / 2P
RS485, 2 Pr #24 Str TC, PE Ins, OSTC Brd, PVC Jkt, AIA Armor, PVC Jkt,CM
05-05-2023
189841 BELDEN-189841 Datasheet
173Kb / 2P
RS485, 1 Pr #24 Str TC, PE Ins, OSTC Brd, PVC Jkt, CCA Armor, PVC Jkt,CM
05-05-2023
333109A BELDEN-333109A Datasheet
141Kb / 2P
RS485, 4 Pr #22 Str TC, PE Ins, OSTC Brd, PVC Jkt, SIA Armor, CPE Jkt,CM, PLTC
05-05-2023
539841 BELDEN-539841 Datasheet
178Kb / 2P
RS485, 1 Pr #24 Str TC, PE Ins, OSTC Brd, PVC Jkt, SIA Armor, PE Jkt
05-05-2023
723107A BELDEN-723107A Datasheet
141Kb / 2P
RS485, 2 Pr #22 Str TC, PE Ins, OSTC Brd, PVC Jkt, AIA Armor, LSZH Jkt
05-05-2023
773109T BELDEN-773109T Datasheet
445Kb / 2P
RS485, 4 Pr #22 Str TC, PE Ins, OSTC Brd, LSZH Jkt, Brnz Brd Armor,LSZH Jkt, CMG, PLTC
05-05-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com