Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CG2H80120D Datasheet (PDF) - WOLFSPEED, INC.

CG2H80120D Datasheet PDF - WOLFSPEED, INC.
Part # CG2H80120D
Download  CG2H80120D Download
File Size   1180.29 Kbytes
Page   8 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 120 W, 8.0 GHz, GaN HEMT Die

CG2H80120D Datasheet (PDF)

Go To PDF Page Download Datasheet
CG2H80120D Datasheet PDF - WOLFSPEED, INC.

Part # CG2H80120D
Download  CG2H80120D Click to download

File Size   1180.29 Kbytes
Page   8 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 120 W, 8.0 GHz, GaN HEMT Die

CG2H80120D Datasheet (HTML) - WOLFSPEED, INC.


CG2H80120D Product details

Description
Wolfspeed’s CG2H80120D is a gallium nitride (GaN) High
Electron Mobility Transistor (HEMT). GaN has superior
properties compared to silicon or gallium arsenide,
including higher breakdown voltage, higher saturated
electron drift velocity, and higher thermal conductivity.
GaN HEMTs offer greater power density and wider
bandwidths compared to Si and GaAs transistors
Features
• 15 dB Typical Small Signal Gain at 4 GHz
• 12 dB Typical Small Signal Gain at 8 GHz
• 120 W Typical PSAT
• 28 V Operation
• High Breakdown Voltage
• High Temperature Operation
• Up to 8 GHz Operation
• High Efficiency
• Bare die are shipped in Gel-Pak® containers
• Non-adhesive tacky membrane immobilizes die during shipment
Applications
• 2-Way Private Radio
• Broadband Amplifiers
• Cellular Infrastructure
• Test Instrumentation
• Class A, AB, Linear amplifiers suitable for OFDM,
W-CDMA, EDGE, CDMA waveforms




Similar Part No. - CG2H80120D

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CG2H80015D CREE-CG2H80015D Datasheet
629Kb / 9P
15 W, 8.0 GHz, GaN HEMT Die
logo
WOLFSPEED, INC.
CG2H80015D WOLFSPEED-CG2H80015D Datasheet
1Mb / 9P
15 W, 8.0 GHz, GaN HEMT Die
Rev. 2.0, 2022-7-27
logo
Cree, Inc
CG2H80030D CREE-CG2H80030D Datasheet
824Kb / 5P
30 W, 8.0 GHz, GaN HEMT Die
logo
WOLFSPEED, INC.
CG2H80030D WOLFSPEED-CG2H80030D Datasheet
1Mb / 9P
30 W, 8.0 GHz, GaN HEMT Die
Rev. 2.0, 2022-7-27
CG2H80045D WOLFSPEED-CG2H80045D Datasheet
1Mb / 8P
45 W, 8.0 GHz, GaN HEMT Die
Rev. 0.2, 2022-11-3
More results


Similar Description - CG2H80120D

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGH60120D CREE-CGH60120D Datasheet
592Kb / 7P
120 W, 6.0 GHz, GaN HEMT Die
Rev 3.1
CG2H80015D CREE-CG2H80015D Datasheet
629Kb / 9P
15 W, 8.0 GHz, GaN HEMT Die
CG2H80030D CREE-CG2H80030D Datasheet
824Kb / 5P
30 W, 8.0 GHz, GaN HEMT Die
CG2H80060D CREE-CG2H80060D Datasheet
594Kb / 8P
60 W, 8.0 GHz, GaN HEMT Die
CGH80030D CREE-CGH80030D Datasheet
1Mb / 5P
30 W, 8.0 GHz, GaN HEMT Die
logo
WOLFSPEED, INC.
CG2H80015D WOLFSPEED-CG2H80015D Datasheet
1Mb / 9P
15 W, 8.0 GHz, GaN HEMT Die
Rev. 2.0, 2022-7-27
CG2H80030D WOLFSPEED-CG2H80030D Datasheet
1Mb / 9P
30 W, 8.0 GHz, GaN HEMT Die
Rev. 2.0, 2022-7-27
CG2H80045D WOLFSPEED-CG2H80045D Datasheet
1Mb / 8P
45 W, 8.0 GHz, GaN HEMT Die
Rev. 0.2, 2022-11-3
CG2H80060D WOLFSPEED-CG2H80060D Datasheet
1Mb / 8P
60 W, 8.0 GHz, GaN HEMT Die
Rev. 0.2, 2022-11-3
CGH60120D WOLFSPEED-CGH60120D Datasheet
1Mb / 8P
120 W, 6.0 GHz, GaN HEMT Die
Rev. 4.2, 2022-12-2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com