| Manufacturer | Part # | Datasheet | Description |
 Cree, Inc |
CGH40035F
|
1Mb / 14P |
35 W, RF Power GaN HEMT
Rev 4.0 |
|
CGH40090PP
|
1Mb / 13P |
90 W, RF Power GaN HEMT
Rev 5.0 |
|
CG2H40010
|
2Mb / 14P |
10 W, DC - 6 GHz, RF Power GaN HEMT
|
|
CG2H40045
|
1Mb / 14P |
45 W, DC - 4 GHz RF Power GaN HEMT
|
 WOLFSPEED, INC. |
CG2H30070F
|
1Mb / 13P |
70 W, DC - 4.0 GHz, 28 V, RF Power GaN HEMT
Rev 3.1 - April 2020 |
|
CG2H40010
|
1Mb / 14P |
10 W, DC - 8 GHz, RF Power GaN HEMT
Rev. 2.0, 2022-7-7 |
|
CG2H40035
|
2Mb / 21P |
35 W, DC - 6 GHz, RF Power GaN HEMT
Rev. 1.0, 2022-7-7 |
|
CG2H40045
|
3Mb / 14P |
45 W, DC - 4 GHz RF Power GaN HEMT
Rev. 3.0, 2022-7-20 |
|
CGH40010
|
1Mb / 16P |
10 W, DC - 6 GHz, RF Power GaN HEMT
Rev. 4.4, 2022-10-28 |
|
CGH40045
|
4Mb / 15P |
45 W, DC - 4 GHz RF Power GaN HEMT
Rev. 5.0, 2022-8-4 |