Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGHV1J025D Datasheet (PDF) - WOLFSPEED, INC.

CGHV1J025D Datasheet PDF - WOLFSPEED, INC.
Part # CGHV1J025D
Download  CGHV1J025D Download
File Size   1285.52 Kbytes
Page   10 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 25 W, 18.0 GHz, GaN HEMT Die

CGHV1J025D Datasheet (PDF)

Go To PDF Page Download Datasheet
CGHV1J025D Datasheet PDF - WOLFSPEED, INC.

Part # CGHV1J025D
Download  CGHV1J025D Click to download

File Size   1285.52 Kbytes
Page   10 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 25 W, 18.0 GHz, GaN HEMT Die

CGHV1J025D Datasheet (HTML) - WOLFSPEED, INC.


CGHV1J025D Product details

Description
Wolfspeed’s CGHV1J025D is a high voltage gallium nitride (GaN) High Electron
Mobility Transistor (HEMT) on a silicon carbide substrate, using a 0.25μm gate
length fabrication process. This GaN-on-SiC product offers superior high frequency,
high efficiency features. It is ideal for a variety of applications operating from
10 GHz to 18 GHz at 40 V with a high breakdown voltage.
Large Signal Models Available for ADS and MWO
Features
• 17 dB Typ. Small Signal Gain at 10 GHz
• 60% Typ. PAE at 10 GHz
• 25 W Typical PSAT
• 40 V Operation
• Up to 18 GHz Operation
Applications
• Satellite Communications
• PTP Communications Links
• Marine Radar
• Pleasure Craft Radar
• Port Vessel Traffic Services
• Broadband Amplifiers
• High Efficiency Amplifiers




Similar Part No. - CGHV1J025D

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGHV1J025D CREE-CGHV1J025D Datasheet
763Kb / 9P
25 W, 18.0 GHz, GaN HEMT Die
Rev 1.1
More results


Similar Description - CGHV1J025D

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGH60060D CREE-CGH60060D Datasheet
618Kb / 7P
60 W, 6.0 GHz, GaN HEMT Die
Rev 3.1
CGHV1J006D CREE-CGHV1J006D Datasheet
707Kb / 9P
6 W, 18.0 GHz, GaN HEMT Die
Rev 0.
CGHV1J025D CREE-CGHV1J025D Datasheet
763Kb / 9P
25 W, 18.0 GHz, GaN HEMT Die
Rev 1.1
CGHV1J070D CREE-CGHV1J070D Datasheet
784Kb / 9P
70 W, 18.0 GHz, GaN HEMT Die
Rev 0.5
logo
WOLFSPEED, INC.
CGH60008D WOLFSPEED-CGH60008D Datasheet
977Kb / 9P
8 W, 6.0 GHz, GaN HEMT Die
Rev. 1.2, 2022-11-23
CGH60015D WOLFSPEED-CGH60015D Datasheet
980Kb / 9P
15 W, 6.0 GHz, GaN HEMT Die
Rev. 4.2, 2022-12-1
CGH60060D WOLFSPEED-CGH60060D Datasheet
1Mb / 8P
60 W, 6.0 GHz, GaN HEMT Die
Rev. 4.2, 2022-12-2
CGH60120D WOLFSPEED-CGH60120D Datasheet
1Mb / 8P
120 W, 6.0 GHz, GaN HEMT Die
Rev. 4.2, 2022-12-2
CGHV1J006D WOLFSPEED-CGHV1J006D Datasheet
868Kb / 9P
6 W, 18.0 GHz, GaN HEMT Die
Rev. 2.0, 2022-7-27
CGHV1J070D WOLFSPEED-CGHV1J070D Datasheet
982Kb / 10P
70 W, 18.0 GHz, GaN HEMT Die
Rev. 2.0, 2022-7-27
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com