Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT1550 Datasheet (PDF) - List of Unclassifed Manufacturers

MT1550 Datasheet PDF - List of Unclassifed Manufacturers
Part # MT1550
Download  MT1550 Download
File Size   131.03 Kbytes
Page   2 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description UPSTREAM AMPLIFIER

MT1550 Datasheet (PDF)

Go To PDF Page Download Datasheet
MT1550 Datasheet PDF - List of Unclassifed Manufacturers

Part # MT1550
Download  MT1550 Click to download

File Size   131.03 Kbytes
Page   2 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description UPSTREAM AMPLIFIER

MT1550 Datasheet (HTML) - List of Unclassifed Manufacturers


MT1550 Product details

[Microtune, Inc.]

PRODUCT BRIEF
The MT1550 is a low-cost programmable-gain power amplifier IC for use in CATV upstream applications. The Microtune® MT1550 is a 3.3 volt part optimized for the DOCSIS 1.1 upstream standard. The MT1550 also includes an on-chip input anti-aliasing filter, thereby reducing external system costs.
The device’s specified frequency range is from 5MHz to 65MHz, and can output 67dBmV through a 1:1 impedance-ratio transformer. A 3-wire digital serial bus controls the variable gain, with gain control available in 1dB steps and a nominal 59dB gain range.
The MT1550 may be disabled via an external control pin. The transmit disable mode not only minimizes output noise by shutting off the output stage, but also maintains its output impedance at nominal levels. Output transients are nominally less than 16mVp-p at 61dBmV output level during transmit enable/disable switching.
Operating from a single +3.3V supply, the amplifier’s typical current draw at maximum gain, or minimum attenuation, is 259mA. Additional internal circuitry reduces the amplifier’s power consumption depending on gain setting.
Transmit-disable mode power supply current is reduced to a nominal of 62mA. A shutdown mode further reduces current to a nominal of 70µA.
The MT1550 is available in a 20-pin MicroLeadFrame™ package with an exposed pad for the extended industrial temperature range of -40°C to +85°C.

FEATURES
• Integrated on-chip anti aliasing filter
• Maximum output level of 67dBmV
• Low power-up/down
   transients of 16mV p-p typical at 61dBmV output
• Ultra low third harmonic distortion
• Single +3.3V supply
• 59dB gain range
• Gain programmable in 1dB steps
• Low transmit output noise floor: -50dBmV in 160kHz
• Low transmit-disable output noise: 1nV / √Hz
• Two power-down modes
• Primarily for set-top boxes
• DOCSIS 1.1 compatible

MT1550 APPLICATIONS
• Cable modems
• Telephony over cable
• Set-top box CATV




Similar Part No. - MT1550

ManufacturerPart #DatasheetDescription
logo
Microtune,Inc
MT1550 MICROTUNE-MT1550 Datasheet
82Kb / 2P
RF SILICON AND SYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS, AUTOMOTIVE ELECTRONICS AND WIRELESS CONNECTIVITY
More results


Similar Description - MT1550

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3509 MAXIM-MAX3509 Datasheet
216Kb / 12P
Upstream CATV Amplifier
Rev 0; 4/00
MAX3510 MAXIM-MAX3510 Datasheet
138Kb / 12P
Upstream CATV Amplifier
Rev 2; 8/99
logo
List of Unclassifed Man...
MT1530 ETC1-MT1530 Datasheet
437Kb / 14P
UPSTREAM AMPLIFIER
logo
Maxim Integrated Produc...
MAX3503 MAXIM-MAX3503 Datasheet
398Kb / 13P
Upstream CATV Amplifier
Rev 1; 3/02
MAX3505 MAXIM-MAX3505 Datasheet
374Kb / 12P
Upstream CATV Amplifier
Rev 0; 4/02
MAX3509 MAXIM-MAX3509_05 Datasheet
213Kb / 10P
Upstream CATV Amplifier
Rev 1; 6/05
MAX3510 MAXIM-MAX3510_07 Datasheet
151Kb / 12P
Upstream CATV Amplifier
Rev 4; 5/07
logo
RF Micro Devices
S518324-44Z RFMD-S518324-44Z Datasheet
162Kb / 7P
UPSTREAM CATV AMPLIFIER
logo
NXP Semiconductors
BGA3031 NXP-BGA3031 Datasheet
228Kb / 19P
DOCSIS 3.0 upstream amplifier
Rev. 1-15 August 2013
logo
Maxim Integrated Produc...
MAX3519 MAXIM-MAX3519 Datasheet
767Kb / 12P
DOCSIS 3.0 Upstream Amplifier
19-7344; Rev 1; 1/16
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com