Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGHV35150 Datasheet (PDF) - WOLFSPEED, INC.

CGHV35150 Datasheet PDF - WOLFSPEED, INC.
Part # CGHV35150
Download  CGHV35150 Download
File Size   1286.59 Kbytes
Page   10 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 150 W, 2900 - 3500 MHz, 50V, GaN HEMT for S-Band Radar Systems

CGHV35150 Datasheet (PDF)

Go To PDF Page Download Datasheet
CGHV35150 Datasheet PDF - WOLFSPEED, INC.

Part # CGHV35150
Download  CGHV35150 Click to download

File Size   1286.59 Kbytes
Page   10 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 150 W, 2900 - 3500 MHz, 50V, GaN HEMT for S-Band Radar Systems

CGHV35150 Datasheet (HTML) - WOLFSPEED, INC.


CGHV35150 Product details

Description
Wolfspeed’s CGHV35150 is a gallium nitride (GaN) high electron mobility
transistor (HEMT) designed specifically with high efficiency, high gain and wide
bandwidth capabilities, which makes the CGHV35150 ideal for 2.9 - 3.5 GHz
S-Band radar amplifier applications. The transistor is supplied in a ceramic/metal
flange and pill package.
Features
• Rated Power = 150 W @ TCASE = 85°C
• Operating Frequency = 2.9 - 3.5 GHz
• Transient 100μsec - 300μsec @ 20% Duty Cycle
• 13 dB Power Gain @ TCASE = 85°C
• 50% Typical Drain Efficiency @ TCASE = 85°C
• Input Matched
• <0.3 dB Pulsed Amplitude Droop




Similar Part No. - CGHV35150

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGHV35150 CREE-CGHV35150 Datasheet
853Kb / 10P
150 W, 2900 - 3500 MHz, 50V, GaN HEMT for S-Band Radar Systems
Rev 1.0
CGHV35150-TB CREE-CGHV35150-TB Datasheet
853Kb / 10P
150 W, 2900 - 3500 MHz, 50V, GaN HEMT for S-Band Radar Systems
Rev 1.0
CGHV35150F CREE-CGHV35150F Datasheet
853Kb / 10P
150 W, 2900 - 3500 MHz, 50V, GaN HEMT for S-Band Radar Systems
Rev 1.0
CGHV35150F-AMP CREE-CGHV35150F-AMP Datasheet
853Kb / 10P
150 W, 2900 - 3500 MHz, 50V, GaN HEMT for S-Band Radar Systems
Rev 1.0
CGHV35150P CREE-CGHV35150P Datasheet
853Kb / 10P
150 W, 2900 - 3500 MHz, 50V, GaN HEMT for S-Band Radar Systems
Rev 1.0
More results


Similar Description - CGHV35150

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGHV14250 CREE-CGHV14250 Datasheet
1Mb / 11P
250 W, 1200 - 1400 MHz, GaN HEMT for L-Band Radar Systems
Rev 1.0
CGHV14500 CREE-CGHV14500 Datasheet
1Mb / 11P
500 W, 1200 - 1400 MHz, GaN HEMT for L-Band Radar Systems
Rev 3.1
CGHV35060MP CREE-CGHV35060MP Datasheet
573Kb / 6P
60W, 2700-3500 MHz, 50V, GaN HEMT for S Band Radar and LTE base stations
Rev 0
CGHV35150 CREE-CGHV35150 Datasheet
853Kb / 10P
150 W, 2900 - 3500 MHz, 50V, GaN HEMT for S-Band Radar Systems
Rev 1.0
CGHV14800 CREE-CGHV14800 Datasheet
765Kb / 9P
800 W, 1200 - 1400 MHz, 50 V, GaN HEMT for L-Band Radar Systems
Rev 0.2
CGHV35060MP CREE-CGHV35060MP_16 Datasheet
1Mb / 8P
60W, 2700-3500 MHz, 50V, GaN HEMT for S Band Radar and LTE base stations
Rev 1.0
CGHV37400F CREE-CGHV37400F Datasheet
815Kb / 11P
400 W, 3500 - 3700 MHz, 50-Ohm Input/Output Matched, GaN HEMT for S-Band Radar Systems
logo
WOLFSPEED, INC.
CGHV14250 WOLFSPEED-CGHV14250 Datasheet
1Mb / 12P
250 W, DC - 1.6 GHz, GaN HEMT for L-Band Radar Systems
Rev. 3.0, 2022-9-30
CGHV14500 WOLFSPEED-CGHV14500 Datasheet
3Mb / 20P
500 W, DC - 1800 MHz, GaN HEMT for L-Band Radar Systems
Rev. 5.0, 2022-7-27
CGHV35120F WOLFSPEED-CGHV35120F Datasheet
837Kb / 12P
120 W, 2.9 - 3.8 GHz, 50 V, GaN HEMT for S-Band Radar Systems
Rev. 1.0, 2022-8-3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com