Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W6691 Datasheet (PDF) - Winbond

W6691 Datasheet PDF - Winbond
Part # W6691
Download  W6691 Download
File Size   465.27 Kbytes
Page   106 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description ISDN S/T Interface Transceiver

W6691 Datasheet (PDF)

Go To PDF Page Download Datasheet
W6691 Datasheet PDF - Winbond

Part # W6691
Download  W6691 Click to download

File Size   465.27 Kbytes
Page   106 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description ISDN S/T Interface Transceiver

W6691 Datasheet (HTML) - Winbond


W6691 Product details

GENERAL DESCRIPTION
W6691 consists of one D channel HDLC controller and two B HDLC controller channel access. The HDLC controller facilitates efficient access to signaling, data and voice services. It provides multiplex/non- mutiplexe 8- bit microprocessor interface. The interface is selected by external MBS selection. In addition, W6691 can be operated in TE, LT-S and LT-T mode programmed by external pin. In TE mode, W6691 provides PCM bus or GCI bus to connect with CODEC. In LT mode, it can used in NT2 application.

FEATURES
• Full Duplex 2B+D S/T interface transceiver compliant with ITU I.430 Recommendation
• One D channel HDLC controller
    - Maskable address recognition
    - Transparent (HDLC) mode
    - FIFO buffer (2 * 64)
• Two B channel HDLC controller
    - Maskable address recognition
    - Transparent (HDLC) mode
    - FIFO buffer (2 * 128)
• Various B channel switching capabilities and PCM intercom
• Two PCM CODEC interfaces for speech and POTS application
• GCI interface connects with other peripheral device in TE, LT-S and LT-T mode.
• Multi-frame synchronization
• 8-bits Intel mode or Motorola mode interface accesses B channel and Command/Indication channel.
• The timing clock recovery depends on operating mode.
• DPLL circuit designed in chip for NT2 application.
• Four kind of the extended interrupt trigger mode.
• Two kind of output interrupt polarity selection can be programmed.(Positive level and negative Level)
• Added reset signal to reset other chip.
• Loop back function for testing.
• Layer1 Activate Indication Output can be connected to LED
• Two of programmable timer
• 3.3 Volt power supply
• 3.3 Volt output; Maximum Input is 5.0Volt
• Advanced CMOS technology
• 64 pin LQFP or 68 pin PLCC package




Similar Part No. - W6691

ManufacturerPart #DatasheetDescription
logo
Winbond
W66910 WINBOND-W66910 Datasheet
689Kb / 81P
TE Mode ISDN S/T-Controller with Microprocessor Interface
W66910CD WINBOND-W66910CD Datasheet
689Kb / 81P
TE Mode ISDN S/T-Controller with Microprocessor Interface
More results


Similar Description - W6691

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
TP3420A NSC-TP3420A Datasheet
524Kb / 32P
ISDN S/T Interface Device
logo
Asahi Kasei Microsystem...
AK520S AKM-AK520S Datasheet
1Mb / 8P
ISDN SINGLE CHIP NT1/(U&S/T-INTERFACE) TRANSCEIVER
logo
Macronix International
MX97103 MCNIX-MX97103 Datasheet
82Kb / 13P
ISDN S/T-PCI TRANSCEIVER
logo
Motorola, Inc
MC145574 MOTOROLA-MC145574 Datasheet
1Mb / 164P
ISDN S/T-Interface Transceiver
MC145474 MOTOROLA-MC145474 Datasheet
460Kb / 111P
ISDN S/T Interface Transceiver
logo
National Semiconductor ...
TP3421 NSC-TP3421 Datasheet
816Kb / 18P
ISDN S / T INTERFACE DEVICE WITH GCI ( GENERAL CIRCUIT INTERFACE )
logo
Freescale Semiconductor...
MC145572 FREESCALE-MC145572 Datasheet
1Mb / 264P
ISDN U-INTERFACE TRANSCEIVER
logo
PCA ELECTRONICS INC.
EPR1260 PCA-EPR1260 Datasheet
45Kb / 1P
ISDN S/T-Interface Module
logo
Texas Instruments
TP3420A TI1-TP3420A_11 Datasheet
568Kb / 34P
TP3420A ISDN S/T Interface Device
logo
NXP Semiconductors
MC145574EVK NXP-MC145574EVK Datasheet
234Kb / 2P
ISDN S/T-interface Transceiver Evaluation Kit
REV 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com