Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GWQ9LR32.HW Datasheet (PDF) - ams AG

GWQ9LR32.HW Datasheet PDF - ams AG
Part # GWQ9LR32.HW
Download  GWQ9LR32.HW Download
File Size   1787.27 Kbytes
Page   23 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description OSCONIQ® S 5050 Horti White is the ideal white LED that enables luminaires to maximize system level photon efficacy performance for horticulture applications.

GWQ9LR32.HW Datasheet (PDF)

Go To PDF Page Download Datasheet
GWQ9LR32.HW Datasheet PDF - ams AG

Part # GWQ9LR32.HW
Download  GWQ9LR32.HW Click to download

File Size   1787.27 Kbytes
Page   23 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description OSCONIQ® S 5050 Horti White is the ideal white LED that enables luminaires to maximize system level photon efficacy performance for horticulture applications.

GWQ9LR32.HW Datasheet (HTML) - ams AG


GWQ9LR32.HW Product details

Features
- Package: white SMT package, colored diffused silicone resin
- Typ. Radiation: 120° (Lambertian emitter)
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
- Radiant Flux: typ. 661 mW @ M3 bin
- Photon Flux Efficacy: typ. 2.94 μmol/J @ M3 bin





Similar Part No. - GWQ9LR32.HW

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWQ9LR34.EM OSRAM-GWQ9LR34.EM Datasheet
1Mb / 25P
The latest QFN cast 5050 LED version adds to its impressive 5050 line-up of high efficacy performance combined with DLC Premium Lifetime.
Version 1.0 2023-03-24
GWQ9LR34.EM-L8M6-XX510-1 OSRAM-GWQ9LR34.EM-L8M6-XX510-1 Datasheet
1Mb / 25P
The latest QFN cast 5050 LED version adds to its impressive 5050 line-up of high efficacy performance combined with DLC Premium Lifetime.
Version 1.0 2023-03-24
GWQ9LR34.EM-L9M6-XX58-1 OSRAM-GWQ9LR34.EM-L9M6-XX58-1 Datasheet
1Mb / 25P
The latest QFN cast 5050 LED version adds to its impressive 5050 line-up of high efficacy performance combined with DLC Premium Lifetime.
Version 1.0 2023-03-24
GWQ9LR34.EM-M2M9-XX56-1 OSRAM-GWQ9LR34.EM-M2M9-XX56-1 Datasheet
1Mb / 25P
The latest QFN cast 5050 LED version adds to its impressive 5050 line-up of high efficacy performance combined with DLC Premium Lifetime.
Version 1.0 2023-03-24
GWQ9LR34.EM-M2M9-XX57-1 OSRAM-GWQ9LR34.EM-M2M9-XX57-1 Datasheet
1Mb / 25P
The latest QFN cast 5050 LED version adds to its impressive 5050 line-up of high efficacy performance combined with DLC Premium Lifetime.
Version 1.0 2023-03-24
More results


Similar Description - GWQ9LR32.HW

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3595 NSC-LM3595 Datasheet
233Kb / 11P
The LM3595 is a parallel white-LED driver that is capable of driving four white LEDs.
logo
King blillion Electroni...
HE83R125 KB-HE83R125 Datasheet
322Kb / 18P
This chip is suitable for the applications that require higher performance
logo
Holtek Semiconductor In...
HT7938A HOLTEK-HT7938A Datasheet
2Mb / 13P
Performance White LED Driver
logo
List of Unclassifed Man...
LZ9-00CW00 ETC-LZ9-00CW00 Datasheet
1Mb / 22P
High Luminous Efficacy Cool White LED Emitter
LZ9-00NW00 ETC-LZ9-00NW00 Datasheet
1Mb / 22P
High Luminous Efficacy Neutral White LED Emitter
LZ9-00WW00 ETC-LZ9-00WW00 Datasheet
1Mb / 23P
High Luminous Efficacy Warm White LED Emitter
LZC-00CW00 ETC2-LZC-00CW00 Datasheet
286Kb / 12P
High Luminous Efficacy Cool White LED Emitter
logo
Seoul Semiconductor
STB0C2PB SEOUL-STB0C2PB Datasheet
1Mb / 18P
Achieving the best system for Horticulture
logo
American Bright OPTOELE...
AB-2016E2-KKF80 AMERICANBRIGHT-AB-2016E2-KKF80 Datasheet
792Kb / 11P
High efficacy 2016 EMC white LED
Rev. 1.0
logo
ams AG
GWQSLMS2.HM AMSCO-GWQSLMS2.HM Datasheet
2Mb / 27P
The OSCONIQ® 3030 is a high efficacy package for indoor, industrial and horticultural applications.
Version 1.0 2023-05-29
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com