Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPA2680T1E Datasheet (PDF) - Renesas Technology Corp

UPA2680T1E Datasheet PDF - Renesas Technology Corp
Part # UPA2680T1E
Download  UPA2680T1E Download
File Size   367.82 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOSFET WITH SCHOTTKY BARRIER DIODE

UPA2680T1E Datasheet (PDF)

Go To PDF Page Download Datasheet
UPA2680T1E Datasheet PDF - Renesas Technology Corp

Part # UPA2680T1E
Download  UPA2680T1E Click to download

File Size   367.82 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOSFET WITH SCHOTTKY BARRIER DIODE

UPA2680T1E Datasheet (HTML) - Renesas Technology Corp


UPA2680T1E Product details

DESCRIPTION
The μ PA2680T1E is a switching device, which can be driven
directly by a 4.5 V power source.
The μ PA2680T1E incorporates a MOSFET which features a
low on-state resistance and excellent switching characteristics
and a low forward voltage Schottky Barrier Diode, and is
suitable for applications such as DC/DC converter of portable
machine and so on.
FEATURES
• 4.5 V drive available MOSFET
• Low on-state resistance MOSFET
RDS(on)1 = 38 mΩ TYP. (VGS = 10 V, ID = 3.0 A)
RDS(on)2 = 44 mΩ TYP. (VGS = 4.5 V, ID = 3.0 A)
• Low forward voltage Schottky Barrier Diode
VF = 0.36 V TYP. (IF = 1.0 A)




Similar Part No. - UPA2680T1E

ManufacturerPart #DatasheetDescription
logo
NEC
UPA2680T1E NEC-UPA2680T1E Datasheet
215Kb / 9P
MOSFET WITH SCHOTTKY BARRIER DIODE
More results


Similar Description - UPA2680T1E

ManufacturerPart #DatasheetDescription
logo
Rohm
QS5U26 ROHM-QS5U26 Datasheet
48Kb / 4P
Pch Treueh MOSFET with a Schottky barrier Diode
logo
NEC
UPA2680T1E NEC-UPA2680T1E Datasheet
215Kb / 9P
MOSFET WITH SCHOTTKY BARRIER DIODE
logo
ELM Technology Corporat...
ELM14607AA-N ELM-TECH-ELM14607AA-N Datasheet
137Kb / 7P
Complementary MOSFET with schottky diode
ELM14610AA-N ELM-TECH-ELM14610AA-N Datasheet
158Kb / 8P
Complementary MOSFET with schottky diode
logo
International Rectifier
IRF6892SPBF IRF-IRF6892SPBF Datasheet
243Kb / 9P
DirectFET짰 MOSFET with Schottky Diode
IRF6893MPBF IRF-IRF6893MPBF Datasheet
220Kb / 9P
DirectFET짰 MOSFET with Schottky Diode
logo
Renesas Technology Corp
HAT2210R RENESAS-HAT2210R_17 Datasheet
178Kb / 12P
Silicon N Channel Power MOSFET with Schottky Barrier Diode
UPA507TE RENESAS-UPA507TE Datasheet
370Kb / 10P
MOS FET WITH SCHOTTKY BARRIER DIODE
2003
UPA508TE RENESAS-UPA508TE Datasheet
382Kb / 10P
MOS FET WITH SCHOTTKY BARRIER DIODE
2003
UPA1980 RENESAS-UPA1980 Datasheet
215Kb / 10P
MOS FET WITH SCHOTTKY BARRIER DIODE
2003
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com