Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1266A Datasheet (PDF) - Belden Inc.

1266A Datasheet PDF - Belden Inc.
Part # 1266A
Download  1266A Download
File Size   175.21 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Audio Cable, #22-2c, TC, O/A Foil, CM

1266A Datasheet (PDF)

Go To PDF Page Download Datasheet
1266A Datasheet PDF - Belden Inc.

Part # 1266A
Download  1266A Click to download

File Size   175.21 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Audio Cable, #22-2c, TC, O/A Foil, CM

1266A Datasheet (HTML) - Belden Inc.


1266A Product details

Product Description
Audio Cable, CM-Rated, 2-22 AWG stranded tinned copper conductors with polypropylene insulation, Beldfoil® shield, drain, PVC jacket




Similar Part No. - 1266A

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
1266 MALLORY-1266 Datasheet
88Kb / 1P
SPARK PLUG WIRE TERMINAL AND BOOT
logo
Keystone Electronics Co...
1266 KEYSTONE-1266 Datasheet
503Kb / 1P
250 (6.4) PC QUICK-FIT MALE TABS
logo
Heyco.
1266 HEYCO-1266 Datasheet
154Kb / 1P
Split Panel Strain Relief Bushings
1266 HEYCO-1266 Datasheet
159Kb / 1P
Hinged Edge Strain Relief Bushings
logo
CEE Norm UK Ltd
1266 CEENORM-1266 Datasheet
1Mb / 4P
Socket Outlets
More results


Similar Description - 1266A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8451 BELDEN-8451 Datasheet
270Kb / 2P
Audio & Instrumentation, 1 Pair 22 AWG, TC, O/A Foil, CM
9184 BELDEN-9184 Datasheet
163Kb / 2P
Audio, Control & Instrument, #22-2pr, FPO, O/A Foil, PVC Jkt, CM
05-05-2023
9855 BELDEN-9855 Datasheet
144Kb / 2P
POS Cable, #22-2pr, TC, PO, O/A Foil55% TC Braid, PVC Jkt, CM
05-05-2023
1504A BELDEN-1504A Datasheet
192Kb / 2P
Audio Cable, #22-2pr, TC, O/A Foil, CM
01-20-2023
8450 BELDEN-8450 Datasheet
145Kb / 2P
Audio & Instrumentation, #22-1pr, TC, O/A Foil, CM
01-20-2023
8737 BELDEN-8737 Datasheet
161Kb / 2P
Audio Cable, #22-1pr, TC, O/A Braid, CM
01-20-2023
8759 BELDEN-8759 Datasheet
168Kb / 3P
Audio Cable, #20-1pr, TC, O/A Braid, CM
12-19-2022
8417 BELDEN-8417 Datasheet
161Kb / 2P
Audio & Instrumentation, 1 Conductor 25 AWG, TC, O/A Foil, CM
12-19-2022
9180 BELDEN-9180 Datasheet
163Kb / 2P
Audio Cable, #26-1pr, TC, O/A Foil, CM
01-20-2023
1508A BELDEN-1508A Datasheet
176Kb / 2P
Audio Cable, #24-2c, TC, O/A Foil, CM
03-04-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com