Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIRF6215S Datasheet (PDF) - Inchange Semiconductor Company Limited

AUIRF6215S Datasheet PDF - Inchange Semiconductor Company Limited
Part # AUIRF6215S
Download  AUIRF6215S Download
File Size   366.26 Kbytes
Page   3 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description IscP-Channel MOSFET Transistor

AUIRF6215S Datasheet (PDF)

Go To PDF Page Download Datasheet
AUIRF6215S Datasheet PDF - Inchange Semiconductor Company Limited

Part # AUIRF6215S
Download  AUIRF6215S Click to download

File Size   366.26 Kbytes
Page   3 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description IscP-Channel MOSFET Transistor

AUIRF6215S Datasheet (HTML) - Inchange Semiconductor Company Limited


AUIRF6215S Product details

FEATURES
·Drain Current : ID=-13A@ TC=25℃
·Drain Source Voltage
: VDSS= -150V(Min)
·Static Drain-Source On-Resistance
: RDS(on) = 0.29Ω(Max) @ VGS= -10V
·100% avalanche tested
·Minimum Lot-to-Lot variations for robust device
performance and reliable operation
DESCRITION
·motor drive, DC-DC converter, power switch
and solenoid drive.




Similar Part No. - AUIRF6215S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRF6215S IRF-AUIRF6215S Datasheet
825Kb / 12P
Advanced Planar Technology Low On-Resistance
logo
Infineon Technologies A...
AUIRF6215S INFINEON-AUIRF6215S Datasheet
1Mb / 10P
AUTOMOTIVE GRADE
2015-11-13
AUIRF6215STRL INFINEON-AUIRF6215STRL Datasheet
1Mb / 10P
AUTOMOTIVE GRADE
2015-11-13
More results


Similar Description - AUIRF6215S

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPD025N06N ISC-IPD025N06N Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPD040N03L ISC-IPD040N03L Datasheet
334Kb / 2P
N-Channel MOSFET Transistor
IPD50R399CP ISC-IPD50R399CP Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPD50R800CE ISC-IPD50R800CE Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPP039N04L ISC-IPP039N04L Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
IPP070N08N3 ISC-IPP070N08N3 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
IRF9Z34N ISC-IRF9Z34N Datasheet
335Kb / 2P
P-Channel MOSFET Transistor
IRF3256 ISC-IRF3256 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
IRF6218 ISC-IRF6218 Datasheet
333Kb / 2P
P-Channel MOSFET Transistor
IRL1404 ISC-IRL1404 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com