Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMPA1D1E025F Datasheet (PDF) - WOLFSPEED, INC.

CMPA1D1E025F Datasheet PDF - WOLFSPEED, INC.
Part # CMPA1D1E025F
Download  CMPA1D1E025F Download
File Size   2832.04 Kbytes
Page   19 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 25 W, 13.75 - 14.5 GHz, 40 V, Ku-Band GaN MMIC, Power Amplifier

CMPA1D1E025F Datasheet (PDF)

Go To PDF Page Download Datasheet
CMPA1D1E025F Datasheet PDF - WOLFSPEED, INC.

Part # CMPA1D1E025F
Download  CMPA1D1E025F Click to download

File Size   2832.04 Kbytes
Page   19 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 25 W, 13.75 - 14.5 GHz, 40 V, Ku-Band GaN MMIC, Power Amplifier

CMPA1D1E025F Datasheet (HTML) - WOLFSPEED, INC.


CMPA1D1E025F Product details

Description
Wolfspeed’s CMPA1D1E025F is a gallium nitride (GaN) High Electron Mobility Transistor (HEMT)
based monolithic microwave integrated circuit (MMIC) on a silicon carbide (SiC) substrate, using
a 0.25 μm gate length fabrication process. The Ku-Band 25W MMIC is targeted for commercial
Ku-Band satellite communications applications. It offers high gain and superior efficiency while
meeting OQPSK linearity required for Satcom applications at 3dB backed off PSAT operations.
This Ku-Band MMIC is available in a 10 lead, 25 mm x 9.9 mm metal/ceramic flanged package.
Features
• 24 dB Small Signal Gain
• 40 W Typical Pulsed PSAT
• Operation up to 40 V
• 20 W linear power under OQPSK
• Class A/B high gain, high efficiency 50 ohm MMIC
Ku-Band high power amplifier
Applications
• Satellite Communication Uplink




Similar Part No. - CMPA1D1E025F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMPA1D1E025F CREE-CMPA1D1E025F Datasheet
3Mb / 17P
25 W, 13.75 - 14.5 GHz, 40 V, Ku-Band GaN MMIC, Power Amplifier
Rev 1.1
CMPA1D1E025F-AMP CREE-CMPA1D1E025F-AMP Datasheet
3Mb / 17P
25 W, 13.75 - 14.5 GHz, 40 V, Ku-Band GaN MMIC, Power Amplifier
Rev 1.1
CMPA1D1E025F-TB CREE-CMPA1D1E025F-TB Datasheet
3Mb / 17P
25 W, 13.75 - 14.5 GHz, 40 V, Ku-Band GaN MMIC, Power Amplifier
Rev 1.1
More results


Similar Description - CMPA1D1E025F

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TC4522 TRANSCOM-TC4522 Datasheet
62Kb / 2P
13.75 - 14.5 GHz 0.5 W MMIC
TC4531 TRANSCOM-TC4531 Datasheet
81Kb / 3P
13.75 - 14.5 GHz 1 W MMIC
TC4542 TRANSCOM-TC4542 Datasheet
85Kb / 3P
13.75 - 14.5 GHz 2 W MMIC
logo
Cree, Inc
CMPA1D1E025F CREE-CMPA1D1E025F Datasheet
3Mb / 17P
25 W, 13.75 - 14.5 GHz, 40 V, Ku-Band GaN MMIC, Power Amplifier
Rev 1.1
CMPA1D1E030D CREE-CMPA1D1E030D Datasheet
595Kb / 6P
30 W, 13.75 - 14.5 GHz, 40 V, GaN MMIC, Power Amplifier
Rev 0.0
logo
Advanced Semiconductor ...
AGN1440 ASB-AGN1440 Datasheet
577Kb / 11P
Ku Band GaN Amplifier MMIC
June 2015
AGN1540 ASB-AGN1540 Datasheet
1Mb / 48P
Ku Band GaN Power Amplifier MMIC
Sept 2015
logo
TriQuint Semiconductor
QPB1500 TRIQUINT-QPB1500 Datasheet
1Mb / 14P
Ku-Band 25 W GaN Power Amplifier
logo
Cree, Inc
CMPA1D1E080F CREE-CMPA1D1E080F Datasheet
1Mb / 11P
80 W, 13.75 - 14.5 GHz, 40 V, Ku-Band GaN, Power Amplifier
logo
WOLFSPEED, INC.
CMPA1D1E030D WOLFSPEED-CMPA1D1E030D Datasheet
1Mb / 7P
30 W, 13.75 - 14.5 GHz, 40 V GaN MMIC, Power Amplifier
Rev. 2.0, 2022-9-20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com