Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMPA5585030D Datasheet (PDF) - WOLFSPEED, INC.

CMPA5585030D Datasheet PDF - WOLFSPEED, INC.
Part # CMPA5585030D
Download  CMPA5585030D Download
File Size   297.2 Kbytes
Page   9 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 30 W, 5.5 - 8.5 GHz, GaN MMIC, Power Amplifier

CMPA5585030D Datasheet (PDF)

Go To PDF Page Download Datasheet
CMPA5585030D Datasheet PDF - WOLFSPEED, INC.

Part # CMPA5585030D
Download  CMPA5585030D Click to download

File Size   297.2 Kbytes
Page   9 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 30 W, 5.5 - 8.5 GHz, GaN MMIC, Power Amplifier

CMPA5585030D Datasheet (HTML) - WOLFSPEED, INC.


CMPA5585030D Product details

Description
Wolfspeed’s CMPA5585030D is a gallium nitride (GaN) High Electron
Mobility Transistor (HEMT) based monolithic microwave integrated circuit
(MMIC). GaN has superior properties compared to silicon or gallium
arsenide, including higher breakdown voltage, higher saturated electron
drift velocity and higher thermal conductivity. GaN HEMTs also offer
greater power density and wider bandwidths compared to Si and GaAs
transistors. This MMIC contains a two-stage reactively matched amplifier
design approach enabling very wide bandwidths to be achieved.
Features
• 30 dB Small Signal Gain
• 50 W Typical PSAT
• Operation up to 28 V
• High Breakdown Voltage
• High Temperature Operation
• Size 0.142 x 0.188 x 0.004 inches
Applications
• Point to Point Radio
• Communications
• Test Instrumentation
• EMC Amplifier Drivers




Similar Part No. - CMPA5585030D

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMPA5585030D CREE-CMPA5585030D Datasheet
453Kb / 9P
30 W, 5.5 - 8.5 GHz, GaN MMIC, Power Amplifier
More results


Similar Description - CMPA5585030D

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMPA801B025 CREE-CMPA801B025 Datasheet
2Mb / 14P
25 W, 8.5 - 11.0 GHz, GaN MMIC, Power Amplifier
Rev 3.2
CMPA5585025D CREE-CMPA5585025D Datasheet
348Kb / 7P
25 W, 5.5 - 8.5 GHz, GaN MMIC, Power Amplifier
Rev 1.1
CMPA5585025F CREE-CMPA5585025F Datasheet
2Mb / 19P
25 W, 5.5 - 8.5 GHz, GaN MMIC, Power Amplifier
Rev 4.1
CMPA2735030D CREE-CMPA2735030D Datasheet
529Kb / 9P
30 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
CMPA5585030D CREE-CMPA5585030D Datasheet
453Kb / 9P
30 W, 5.5 - 8.5 GHz, GaN MMIC, Power Amplifier
CMPA5585030F CREE-CMPA5585030F Datasheet
1Mb / 17P
30 W, 5.5 - 8.5 GHz, GaN MMIC, Power Amplifier
logo
Qorvo, Inc
QPA1022 QORVO-QPA1022 Datasheet
1Mb / 17P
8.5 ??11 GHz 4 W GaN Power Amplifier
logo
WOLFSPEED, INC.
CMPA2735030D WOLFSPEED-CMPA2735030D Datasheet
468Kb / 9P
30 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
Rev 0.0 June 2 019
CMPA2735030S WOLFSPEED-CMPA2735030S Datasheet
1Mb / 17P
30 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
Rev 0.3 January 2022
CMPA5585030F WOLFSPEED-CMPA5585030F Datasheet
2Mb / 17P
30 W, 5.5 - 8.5 GHz, GaN MMIC, Power Amplifier
Rev. 2.0, 2022-10-12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com