Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GTRA362002FC-V1 Datasheet (PDF) - WOLFSPEED, INC.

GTRA362002FC-V1 Datasheet PDF - WOLFSPEED, INC.
Part # GTRA362002FC-V1
Download  GTRA362002FC-V1 Download
File Size   435.98 Kbytes
Page   8 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Thermally-Enhanced High Power RF GaN on SiC HEMT 200 W, 48 V, 3400 – 3600 MHz

GTRA362002FC-V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
GTRA362002FC-V1 Datasheet PDF - WOLFSPEED, INC.

Part # GTRA362002FC-V1
Download  GTRA362002FC-V1 Click to download

File Size   435.98 Kbytes
Page   8 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Thermally-Enhanced High Power RF GaN on SiC HEMT 200 W, 48 V, 3400 – 3600 MHz

GTRA362002FC-V1 Datasheet (HTML) - WOLFSPEED, INC.


GTRA362002FC-V1 Product details

Description
The GTRA362002FC is a 200-watt (P3dB) GaN on SiC high electron mobility transistor (HEMT) designed for use in multi-standard cellular power
amplifier applications. It features input matching, high efficiency, and a
thermally-enhanced package with earless flange.
Features
• GaN on SiC HEMT technology
• Input matched
• Asymmetrical Doherty design
- Main: P3dB = 85 W Typ
- Peak: P3dB = 115 W Typ
• Typical Pulsed CW performance, 3500 MHz, 48 V,
combined outputs
- Output power at P3dB = 200 W
- Efficiency = 60%
- Gain = 12.5 dB
• Capable of handling 10:1 VSWR @50 V, 30 W (WCDMA)
output power
• Human Body Model Class 1A, (per ANSI/ESDA/JEDEC
JS-001)
• Low thermal resistance
• Pb-free and RoHS compliant




Similar Part No. - GTRA362002FC-V1

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
GTRA362002FC CREE-GTRA362002FC Datasheet
233Kb / 5P
Thermally-Enhanced High Power RF GaN on SiC HEMT 200 W, 48 V, 3400 ??3600 MHz
More results


Similar Description - GTRA362002FC-V1

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
GTRA362002FC CREE-GTRA362002FC Datasheet
233Kb / 5P
Thermally-Enhanced High Power RF GaN on SiC HEMT 200 W, 48 V, 3400 ??3600 MHz
GTRA362802FC CREE-GTRA362802FC Datasheet
282Kb / 5P
Thermally-Enhanced High Power RF GaN on SiC HEMT 280 W, 48 V, 3400 ??3600 MHz
GTRA364002FC CREE-GTRA364002FC Datasheet
279Kb / 5P
Thermally-Enhanced High Power RF GaN on SiC HEMT 400 W, 48 V, 3400 ??3600 MHz
GTRA374902FC CREE-GTRA374902FC Datasheet
2Mb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 450 W, 48 V, 3600 ??3700 MHz
GTRA384802FC CREE-GTRA384802FC Datasheet
1Mb / 5P
Thermally-Enhanced High Power RF GaN on SiC HEMT 400 W, 48 V, 3600 ??3800 MHz
logo
WOLFSPEED, INC.
GTRA360502M-V1 WOLFSPEED-GTRA360502M-V1 Datasheet
844Kb / 9P
Thermally-Enhanced High Power RF GaN on SiC HEMT 50 W, 48 V, 3400 – 3800 MHz
Rev. 04, 2023-06-27
GTRA362802FC-V1 WOLFSPEED-GTRA362802FC-V1 Datasheet
553Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 280 W, 48 V, 3400 – 3600 MHz
Rev. 04.3, 2022-1-27
GTRA384802FC-V1 WOLFSPEED-GTRA384802FC-V1 Datasheet
585Kb / 9P
Thermally-Enhanced High Power RF GaN on SiC HEMT 400 W, 48 V, 3600 – 3800 MHz
Rev. 03.1, 2022-1-27
GTRA364002FC WOLFSPEED-GTRA364002FC Datasheet
511Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 400 W, 48 V, 3400 – 3600 MHz
Rev. 04.3, 2022-1-27
GTRA374902FC WOLFSPEED-GTRA374902FC Datasheet
459Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 450 W, 48 V, 3600 – 3700 MHz
Rev. 02.2, 2022-1-27
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com