| Manufacturer | Part # | Datasheet | Description |
 Ulti-Mate Connector Inc |
SD-436271117
|
54Kb / 1P |
Micro-D PCB Standard Profile 51 Socket Jack Post Thru-Hole .100 x .100 (style 1) Right Angle Tin 0.109 Tail Length Nickel Metal Shell 200 Max Temp No QPL
8-30-12 |
|
SD-436420107
|
46Kb / 1P |
Micro-D PCB Low Profile 15 Socket Jack Post Thru-Hole .100 x .100 (style 1) Right Angle Tin 0.109 Tail Length Cadmium Metal Shell 200 Max Temp No QPL
2-27-14 |
|
SD-436431117
|
45Kb / 1P |
Micro-D PCB Low Profile 21 Socket Jack Post Thru-Hole .100 x .100 (style 1) Right Angle Tin 0.109 Tail Length Nickel Metal Shell 200 Max Temp No QPL
9-26-13 |
|
SD-836221117
|
27Kb / 1P |
Micro-D PCB Standard Profile 15 Socket Jack Post Thru-Hole .100 x .100 (style 1) Right Angle Tin 0.109 Tail Length Nickel Metal Shell 125 Max Temp No QPL
2-10-05 |
|
SD-836231117
|
47Kb / 1P |
Micro-D PCB Standard Profile 21 Socket Jack Post Thru-Hole .100 x .100 (style 1) Right Angle Tin 0.109 Tail Length Nickel Metal Shell 125 Max Temp No QPL
6-6-17 |
|
SD-836240117
|
54Kb / 1P |
Micro-D PCB Standard Profile 25 Socket Jack Post Thru-Hole .100 x .100 (style 1) Right Angle Tin 0.109 Tail Length Cadmium Metal Shell 125 Max Temp No QPL
10-13-15 |
|
SD-836261818
|
48Kb / 1P |
Micro-D PCB Standard Profile 37 Socket Jack Post Thru-Hole .075 x .100 (style 8) Right Angle Threaded Insert Tin 0.109 Tail Length Nickel Metal Shell 125 Max Temp No QPL
12-17-10 |
|
SD-836280117
|
71Kb / 1P |
Micro-D PCB Standard Profile 100 Socket Jack Post Thru-Hole .100 x .100 (style 1) Right Angle Tin 0.109 Tail Length Cadmium Metal Shell 125 Max Temp No QPL
11-13-09 |
|
SD-839040079
|
52Kb / 1P |
Micro-D PCB Standard Profile 51 Pin Jack Post Thru-Hole .100 x .100 (style 1) Right Angle Gold Plated Finish 0.109 Tail Length Nickel Metal Shell 200 Max Temp No QPL
11-14-16 |
|
SD-839040120
|
54Kb / 1P |
Micro-D PCB Standard Profile 15 Pin Jack Post Thru-Hole .100 x .100 (style 1) Right Angle Gold Plated Finish 0.109 Tail Length Nickel Metal Shell 200 Max Temp No QPL
8-6-07 |