Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M1026 Datasheet (PDF) - Integrated Circuit Systems

M1026 Datasheet PDF - Integrated Circuit Systems
Part # M1026
Download  M1026 Download
File Size   340.37 Kbytes
Page   14 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description VCSO BASED CLOCK PLL WITH AUTOSWITCH

M1026 Datasheet (PDF)

Go To PDF Page Download Datasheet
M1026 Datasheet PDF - Integrated Circuit Systems

Part # M1026
Download  M1026 Click to download

File Size   340.37 Kbytes
Page   14 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description VCSO BASED CLOCK PLL WITH AUTOSWITCH

M1026 Datasheet (HTML) - Integrated Circuit Systems


M1026 Product details

GENERAL DESCRIPTION
The M1025/26 is a VCSO (Voltage Controlled SAW Oscillator) based clock jitter attenuator PLL designed for clock jitter attenuation and frequency translation. The device is ideal for generating the transmit reference clock for optical network systems supporting up to 2.5Gb data rates. It can serve to jitter attenuate a stratum reference clock or a recovered clock in loop timing mode. The M1025/26 module includes a proprietary SAW (surface acoustic wave) delay line as part of the VCSO. This results in a high frequency, high-Q, low phase noise oscillator that assures low intrinsic output jitter.

FEATURES
◆ Integrated SAW delay line; low phase jitter of < 0.5ps rms, typical (12kHz to 20MHz)
◆ Output frequencies of 62.5 to 175 MHz (Specify VCSO output frequency at time of order)
◆ LVPECL clock output (CML and LVDS options available)
◆ Reference clock inputs support differential LVDS, LVPECL, as well as single-ended LVCMOS, LVTTL
◆ Loss of Lock (LOL) output pin; Narrow Bandwidth control input (NBW pin)
◆ AutoSwitch (AUTO pin) - automatic (non-revertive) reference clock reselection upon clock failure
◆ Acknowledge pin (REF_ACK pin) indicates the actively selected reference input
◆ Hitless Switching (HS) options with or without Phase Build-out (PBO) to enable SONET (GR-253) /SDH (G.813) MTIE and TDEV compliance during reselection
◆ Pin-selectable feedback and reference divider ratios
◆ Single 3.3V power supply
◆ Small 9 x 9 mm SMT (surface mount) package




Similar Part No. - M1026

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
M102-003-HD-SL TRIPPLITE-M102-003-HD-SL Datasheet
178Kb / 3P
Heavy-Duty USB-C to Lightning Sync/Charge Cable with Status LED - MFi Certified, M/M, USB 2.0, 3 ft.
M102-003-WH TRIPPLITE-M102-003-WH Datasheet
161Kb / 3P
USB-C Sync / Charge Cable with Lightning Connector - M/M, USB 2.0, White, 3 ft. (0.9 m)
M102-01M-BK TRIPPLITE-M102-01M-BK Datasheet
165Kb / 2P
USB-C to Lightning Sync/Charge Cable (M/M), MFi Certified, Black, 1 m (3.3 ft.)
M102-01M-WH TRIPPLITE-M102-01M-WH Datasheet
160Kb / 2P
USB-C to Lightning Sync/Charge Cable (M/M), MFi Certified, White, 1 m (3.3 ft.)
M102-02M-BK TRIPPLITE-M102-02M-BK Datasheet
166Kb / 2P
USB-C to Lightning Sync/Charge Cable (M/M), MFi Certified, Black, 2 m (6.6 ft.)
More results


Similar Description - M1026

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
M2006-02 ICST-M2006-02 Datasheet
83Kb / 1P
VCSO BASED FEC CLOCK PLL / HITLESS SWITCHING OPTION
Rev 2.2
M902-01 ICST-M902-01 Datasheet
328Kb / 8P
VCSO BASED GBE CLOCK GENERATOR
M2080-2087 ICST-M2080-2087 Datasheet
501Kb / 14P
VCSO FEC PLL WITH AUTOSWITCH FOR SONET/OTN
Rev 0.4
M1040 ICST-M1040 Datasheet
436Kb / 12P
VCSO BASED CLOCK PLL WITH AUTOSWITCH
Rev 0.1
M2006-12A ICST-M2006-12A Datasheet
419Kb / 10P
VCSO BASED FEC CLOCK PLL WITH HITLESS SWITCHING
Rev 1.0
M2020-2021 ICST-M2020-2021 Datasheet
431Kb / 10P
VCSO BASED CLOCK PLL
Rev 1.0
M1010-01 ICST-M1010-01 Datasheet
360Kb / 8P
VCSO BASED CLOCK JITTER ATTENUATOR
Rev 0.4
M1033 ICST-M1033 Datasheet
198Kb / 14P
VCSO BASED CLOCK PLL WITH AUTOSWITCH
Rev 1.0
M906-01 ICST-M906-01 Datasheet
352Kb / 8P
VCSO BASED GBE CLOCK GENERATOR
Rev 3.2
M2006-02A ICST-M2006-02A Datasheet
391Kb / 8P
VCSO BASED FEC CLOCK PLL
Rev 1.0
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com