Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GTRA262802FC Datasheet (PDF) - WOLFSPEED, INC.

GTRA262802FC Datasheet PDF - WOLFSPEED, INC.
Part # GTRA262802FC
Download  GTRA262802FC Download
File Size   515.1 Kbytes
Page   9 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Thermally-Enhanced High Power RF GaN on SiC HEMT 250 W, 48 V, 2490 – 2690 MHz

GTRA262802FC Datasheet (PDF)

Go To PDF Page Download Datasheet
GTRA262802FC Datasheet PDF - WOLFSPEED, INC.

Part # GTRA262802FC
Download  GTRA262802FC Click to download

File Size   515.1 Kbytes
Page   9 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Thermally-Enhanced High Power RF GaN on SiC HEMT 250 W, 48 V, 2490 – 2690 MHz

GTRA262802FC Datasheet (HTML) - WOLFSPEED, INC.


GTRA262802FC Product details

Description
The GTRA262802FC is a 250-watt (P3dB) GaN on SiC high electron
mobility transistor (HEMT) for use in multi-standard cellular power
amplifier applications. It features input matching, high efficiency,
and a thermally-enhanced package with earless flange.
Features
• GaN on SiC HEMT technology
• Input matched
• Typical pulsed CW performance, 2605 MHz, 48 V,
combined outputs, 16 µs pulse width, 10% duty
cycle
- Output power at P3dB = 250 W
- Efficiency = 62%
- Gain = 14.4 dB
• Capable of handling 10:1 VSWR @48 V, 38 W (CW)
output power
• Human Body Model Class 1A (per ANSI/ESDA/
JEDEC JS-001)
• Low thermal resistance
• Pb-free and RoHS compliant




Similar Part No. - GTRA262802FC

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
GTRA262802FC CREE-GTRA262802FC Datasheet
497Kb / 9P
Thermally-Enhanced High Power RF GaN on SiC HEMT 250 W, 48 V, 2490 ??2690 MHz
GTRA262802FC-V2-R0 CREE-GTRA262802FC-V2-R0 Datasheet
497Kb / 9P
Thermally-Enhanced High Power RF GaN on SiC HEMT 250 W, 48 V, 2490 ??2690 MHz
GTRA262802FC-V2-R2 CREE-GTRA262802FC-V2-R2 Datasheet
497Kb / 9P
Thermally-Enhanced High Power RF GaN on SiC HEMT 250 W, 48 V, 2490 ??2690 MHz
More results


Similar Description - GTRA262802FC

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
GTVA263202FC CREE-GTVA263202FC Datasheet
458Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 340 W, 48 V, 2620 ??2690 MHz
GTRA262802FC CREE-GTRA262802FC Datasheet
497Kb / 9P
Thermally-Enhanced High Power RF GaN on SiC HEMT 250 W, 48 V, 2490 ??2690 MHz
GTRA263902FC CREE-GTRA263902FC Datasheet
486Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 370 W, 48 V, 2495 ??2690 MHz
GTVA261802FC CREE-GTVA261802FC Datasheet
495Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 170 W, 48 V, 2620 ??2690 MHz
GTVA262701FA CREE-GTVA262701FA Datasheet
489Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 270 W, 48 V, 2620 ??2690 MHz
GTVA262711FA CREE-GTVA262711FA Datasheet
464Kb / 9P
Thermally-Enhanced High Power RF GaN on SiC HEMT 300 W, 48 V, 2620 ??2690 MHz
logo
WOLFSPEED, INC.
GTVA262701FA_V2 WOLFSPEED-GTVA262701FA_V2 Datasheet
506Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 270 W, 48 V, 2620 – 2690 MHz
Rev. 04.3, 2022-1-27
GTRA263902FC WOLFSPEED-GTRA263902FC Datasheet
531Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 370 W, 48 V, 2495 – 2690 MHz
Rev. 04.1, 2022-1-27
GTVA262701FA WOLFSPEED-GTVA262701FA Datasheet
506Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 270 W, 48 V, 2620 – 2690 MHz
Rev. 04.3, 2022-1-27
GTVA263202FC WOLFSPEED-GTVA263202FC Datasheet
632Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 340 W, 48 V, 2620 – 2690 MHz
Rev. 04.1, 2022-1-27
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com