Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP1T97 Datasheet (PDF) - Nexperia B.V. All rights reserved

74AUP1T97 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AUP1T97
Download  74AUP1T97 Download
File Size   280.81 Kbytes
Page   19 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power configurable gate with voltage-level translator

74AUP1T97 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AUP1T97 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AUP1T97
Download  74AUP1T97 Click to download

File Size   280.81 Kbytes
Page   19 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power configurable gate with voltage-level translator

74AUP1T97 Datasheet (HTML) - Nexperia B.V. All rights reserved


74AUP1T97 Product details

1. General description
The 74AUP1T97 is a configurable multiple function gate with level translating, Schmitt-trigger
inputs. The device can be configured as any of the following logic functions MUX, AND, OR,
NAND, NOR, inverter and buffer; using the 3-bit input. All inputs can be connected directly to
VCC or GND. Low threshold Schmitt trigger inputs allow these devices to be driven by 1.8 V logic
levels in 3.3 V applications. This device ensures very low static and dynamic power consumption
across the entire VCC range from 2.3 V to 3.6 V. This device is fully specified for partial power down
applications using IOFF. The IOFF circuitry disables the output, preventing the potentially damaging
backflow current through the device when it is powered down.
2. Features and benefits
• Wide supply voltage range from 2.3 V to 3.6 V
• CMOS low power dissipation
• High noise immunity
• Overvoltage tolerant inputs to 3.6 V
• Low noise overshoot and undershoot < 10 % of VCC
• IOFF circuitry provides partial power-down mode operation
• Latch-up performance exceeds 100 mA per JESD 78 Class II
• Low static power consumption; ICC = 1.5 μA (maximum)
• Complies with JEDEC standards:
• JESD8-12 (0.8 V to 1.3 V)
• JESD8-11 (0.9 V to 1.65 V)
• JESD8-7 (1.65 V to 1.95 V)
• JESD8-5 (2.3 V to 2.7 V)
• JESD8C (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114F Class 3A exceeds 5000 V
• MM JESD22-A115-A exceeds 200 V
• CDM JESD22-C101E exceeds 1000 V
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74AUP1T97

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1T97 NXP-74AUP1T97 Datasheet
89Kb / 17P
Low-power configurable gate with voltage-level translator
Rev. 01-25 October 2007
logo
Fairchild Semiconductor
74AUP1T97 FAIRCHILD-74AUP1T97 Datasheet
530Kb / 11P
Low Power Configurable Gate with Voltage-Level Translator
logo
ON Semiconductor
74AUP1T97 ONSEMI-74AUP1T97 Datasheet
559Kb / 13P
Low Power Configurable Gate
October 2010 Rev. 1.0.3
74AUP1T97 ONSEMI-74AUP1T97 Datasheet
315Kb / 10P
TinyLogic Low Power Configurable Gate with Voltage-Level Translator
June 2022 ??Rev. 2
logo
Nexperia B.V. All right...
74AUP1T97-Q100 NEXPERIA-74AUP1T97-Q100 Datasheet
235Kb / 15P
Low-power configurable gate with voltage-level translator
Rev. 3 - 27 January 2022
More results


Similar Description - 74AUP1T97

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1T97 NXP-74AUP1T97 Datasheet
89Kb / 17P
Low-power configurable gate with voltage-level translator
Rev. 01-25 October 2007
74AUP1T57 NXP-74AUP1T57 Datasheet
102Kb / 17P
Low-power configurable gate with voltage-level translator
Rev. 02-3 August 2009
74AUP1T58 NXP-74AUP1T58 Datasheet
101Kb / 17P
Low-power configurable gate with voltage-level translator
Rev. 02-29 September 2009
74AUP1T98 NXP-74AUP1T98 Datasheet
99Kb / 17P
Low-power configurable gate with voltage-level translator
Rev. 01-6 March 2008
logo
Fairchild Semiconductor
74AUP1T97 FAIRCHILD-74AUP1T97 Datasheet
530Kb / 11P
Low Power Configurable Gate with Voltage-Level Translator
logo
Nexperia B.V. All right...
74AUP1T98-Q100 NEXPERIA-74AUP1T98-Q100 Datasheet
225Kb / 14P
Low-power configurable gate with voltage-level translator
74AUP1T97-Q100 NEXPERIA-74AUP1T97-Q100 Datasheet
235Kb / 15P
Low-power configurable gate with voltage-level translator
Rev. 3 - 27 January 2022
74AUP1T57 NEXPERIA-74AUP1T57 Datasheet
265Kb / 17P
Low-power configurable gate with voltage-level translator
Rev. 7 - 26 January 2022
74AUP1T58 NEXPERIA-74AUP1T58 Datasheet
267Kb / 18P
Low-power configurable gate with voltage-level translator
Rev. 7 - 26 January 2022
74AUP1T98 NEXPERIA-74AUP1T98 Datasheet
263Kb / 17P
Low-power configurable gate with voltage-level translator
Rev. 7 - 27 January 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com